Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN23N100 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN23N100
Description  HiPerFET-TM Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN23N100 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN23N100 Datasheet HTML 1Page - IXYS Corporation IXFN23N100 Datasheet HTML 2Page - IXYS Corporation IXFN23N100 Datasheet HTML 3Page - IXYS Corporation IXFN23N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
fuvp=jlpcbqp=~åÇ=fd_që=~êÉ=ÅçîÉêÉÇ=Äó=çåÉ=çê=ãçêÉ=çÑ=íÜÉ=ÑçääçïáåÖ=rKpK=é~íÉåíëW
QIUPRIRVO
QIUUNINMS
RIMNTIRMU
RIMQVIVSN
RINUTINNT
RIQUSITNR
QIURMIMTO
QIVPNIUQQ
RIMPQITVS
RIMSPIPMT
RIOPTIQUN
RIPUNIMOR
IXYS reserves the right to change limits, test conditions, and dimensions.
V
SD - Volts
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
Case Temperature -
oC
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
10-4
10-3
10-2
10-1
100
101
0.001
0.010
0.100
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Gate Charge - nC
0
50
100
150
200
250
300
350
0
3
6
9
12
15
Crss
Coss
Ciss
VDS = 500 V
ID = 12 A
IG = 10 mA
f = 1MHz
TJ = 125
oC
TJ = 25
oC
0.300
20000
Figure 6. Gate Charge
Figure 7. Capacitance Curves
Figure 8. Forward Voltage Drop of the Intrinsic Diode
Figure9. Drain Current vs. Case Temperature
Figure 10. Transient Thermal Resistance
IXFN 23N100
IXFN 24N100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com