Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN23N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN23N100
Description  HiPerFET-TM Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN23N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN23N100 Datasheet HTML 1Page - IXYS Corporation IXFN23N100 Datasheet HTML 2Page - IXYS Corporation IXFN23N100 Datasheet HTML 3Page - IXYS Corporation IXFN23N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
«=OMMM=fuvp=^ää=êáÖÜíë=êÉëÉêîÉÇ
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
Features
• International standard package
• Encapsulating epoxy meets
UL 94 V-0, flammability classification
• miniBLOC with Aluminium nitride
isolation
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
• Fast intrinsic Rectifier
Applications
• DC-DC converters
• Synchronous rectification
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• Temperature and lighting controls
• Low voltage relays
Advantages
• Easy to mount
• Space savings
• High power density
G = Gate
D = Drain
S = Source
báíÜÉê=pçìêÅÉ=íÉêãáå~ä=~í=ãáåá_il`=Å~å=ÄÉ=ìëÉÇ
~ë=j~áå=çê=hÉäîáå=pçìêÅÉ
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0 V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = ±20V, VGS = 0V
±100 nA
I
DSS
V
DS = VDSS
T
J =
25
°C
100
µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25
23N100
0.43
Ω
Note 2
24N100
0.39
Ω
VURVTa= ENMLMMF
HiPerFETTM
Power MOSFET
Single MOSFET Die
Symbol Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
1000
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
24N100
24
A
23N100
23
A
I
DM
T
C = 25°C;
Note 1
24N100
96
A
23N100
92
A
I
AR
T
C
= 25
°C
24
A
E
AR
T
C
= 25
°C
60
mJ
E
AS
T
C
= 25
°C
3
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
Preliminary data sheet
V
DSS
I
D25
R
DS(on)
IXFN 24N100 1000 V
24 A
0.39
Ω
Ω
Ω
Ω
Ω
IXFN 23N100 1000 V
23 A
0.43
Ω
Ω
Ω
Ω
Ω
t
êê ≤
≤≤≤≤ 250 ns


Similar Part No. - IXFN23N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN230N10 IXYS-IXFN230N10 Datasheet
281Kb / 2P
Power MOSFETs Single Die MOSFET
logo
Inchange Semiconductor ...
IXFN230N10 ISC-IXFN230N10 Datasheet
572Kb / 3P
N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFN230N10 IXYS-IXFN230N10_08 Datasheet
142Kb / 5P
Power MOSFET Single Die MOSFET
IXFN230N20T IXYS-IXFN230N20T Datasheet
149Kb / 5P
GigaMOS Power MOSFET
logo
Inchange Semiconductor ...
IXFN230N20T ISC-IXFN230N20T Datasheet
534Kb / 3P
N-Channel MOSFET
More results

Similar Description - IXFN23N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VMM85-02F IXYS-VMM85-02F Datasheet
91Kb / 4P
Dual Power HiPerFET-TM Module
IXFC80N08 IXYS-IXFC80N08 Datasheet
75Kb / 2P
HIPERFET-TM MOSFET ISOPLUS220-TM
VMO650-01F IXYS-VMO650-01F Datasheet
54Kb / 2P
HiPerFET-TM MOSFET Module
IXFR50N50 IXYS-IXFR50N50 Datasheet
84Kb / 2P
HiPerFET-TM Power MOSFETs ISOPLUS247-TM
VMM90-09F IXYS-VMM90-09F Datasheet
240Kb / 2P
Dual Power HiPerFET-TM Module
IXFE180N10 IXYS-IXFE180N10 Datasheet
78Kb / 2P
HiPerFET-TM Power MOSFET
IXFR180N085 IXYS-IXFR180N085 Datasheet
42Kb / 2P
HiPerFET-TM Power MOSFETs ISOPLUS247-TM (Electrically Isolated Back Surface)
IXFN21N100Q IXYS-IXFN21N100Q Datasheet
135Kb / 4P
HiPerFET TM Power MOSFETs Q-Class
IXFE36N100 IXYS-IXFE36N100 Datasheet
434Kb / 2P
HiPerFET-TM Power MOSFET
IXFB38N100Q2 IXYS-IXFB38N100Q2 Datasheet
126Kb / 4P
HiPerFET TM Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com