Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2-F-7101 Datasheet(PDF) 4 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 4 Page - Connective Peripherals Pte Ltd

  USB2-F-7101 Datasheet HTML 1Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 2Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 3Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 4Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 5Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 6Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 7Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 8Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 9Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
4
1
Introduction
1.1
Functional Description
The USB2-F-7001 and USB2-F-7101 are USB to CANbus adapters which incorporate the FTDI FT245R
USB to FIFO interface IC device. The USB2-F-7101adds optical isolation for the CAN interface. These
adapters provide a fast, simple way to CANbus devices to a host PC with a USB port. Throughout this
manual, both adapters will be identified as USB2-F-7x01 where common features are identified.
Each USB2-F-7x01 contains a small internal electronic circuit board mounted inside of a plastic case
capable of withstanding industrial temperature ranges. The FT245R datasheet, DS_FT245R, is available
at http://www.ftdichip.com. The integrated electronics include a Microchip PIC with the ECAN controller.
LEDs give a visual indication of the CANbus status.
The USB2-F-7x01 does not require a power supply. It is powered from the USB connection. The USB2-F-
7001 requires 150mA (450mA for the USB2-F-7101) and must be connected directly to a USB Host port,
or a self-powered USB hub (i.e. with an external power supply).
Bus-powered USB hubs are not
supported since they cannot provide the required current.
Figure 1.1 –USB2-F-7x01
Flexible mounting allows the USB2-F-7x01 to be used in a variety of applications, from a portable adapter
to accompany a laptop to permanent installations in industrial and commercial locations.
The enclosure incorporates a standard USB-B device connector for connection to an upstream host or hub
port. CANbus signals are available on an industry-standard DE-9P connector conforming to the CAN-in-
Automation (CiA) DS102-2 pin-out. The maximum CANbus data rate is 1Mbps.
The
USB2-F-7x01
adapter
requires
USB
device
drivers,
available
free
from
https://www.connectiveperipherals.com, which are used to make the USB2-F-7x01 appear as a Virtual
COM port (VCP). Communications in VCP mode are accomplished with ASCII commands to the CAN
controller. ASCII commands are listed in Section 4.1.
Another USB device driver included with the download, the D2XX driver, can also be used with
application software to directly access the FT245R, and used in conjunction with a CAN command
Application Programming Interface (API) through the use of DLLs. The high-level API is listed in the
USB2-F-7x01
API
Guide
(https://www.connectiveperipherals.com/products/canbus-solutions/usb2-f-
7101.html).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com