Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2-F-7101 Datasheet(PDF) 5 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 5 Page - Connective Peripherals Pte Ltd

  USB2-F-7101 Datasheet HTML 1Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 2Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 3Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 4Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 5Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 6Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 7Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 8Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 9Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
5
1.2
LED Description
The USB2-F-7x01 uses three LEDs to indicate a valid link as well as CANbus status. The table below uses
the following LED definitions.
ON = LED constantly lit
OFF = LED is constantly not lit
Blinking = 2.5Hz, alternating ON and OFF
Flicker = 10Hz, alternating ON and OFF
Single Flash = Short flash ON (200msec), followed by long off phase (1000msec)
Double Flash = Two short flashes on (200msec) separated by short off phases (200msec),
followed by long off phase (1000msec)
Triple Flash = Three short flashes on (200msec) separated by short off phases (200msec),
followed by long off phase (1000msec)
LED Colour
Function
Description
Yellow
USB
Enumerated
Active LED
State
Description
Off
Inactive
The USB2-F-7x01 has not been
enumerated by the host system.
On
Active
The USB2-F-7x01 has been
enumerated and is ready
Green
RUN
CAN Run LED
State
Description
Blinking
PREOPERATIONAL The device initialized
Single flash
STOPPED
The device is in state STOPPED
(Channel is Closed)
On
OPERATIONAL
The device is in state
OPERATIONAL (Channel is Open)
Flicker
LISTEN
The device is in state
OPERATIONAL (Channel is Open)
No frames will be transmitted
Note: 3 device minimum
requirement
Red
ERR
ERR LED
State
Description
Category
Off
No error
The device is in working condition
Blinking
Invalid
Configuration
General configuration error
Single flash
Warning limit
reached
At least one of the error counters
of the CAN controller has reached
or exceeded the warning level (too
many error frames)
On
Bus off
The CAN controller is bus off, and
not involved in CANbus activities
Table 1.1 – LED Description
Upon initial power up, system reboot or executing the (R)eset command, the LEDs will be in the following
state: Yellow LED = ON, Green LED = Single Flash, Red LED = Off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com