Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2-F-7101 Datasheet(PDF) 9 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 9 Page - Connective Peripherals Pte Ltd

Back Button USB2-F-7101 Datasheet HTML 5Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 6Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 7Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 8Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 9Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 10Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 11Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 12Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 13Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
9
Figure 2.3 – CANbus network
2.2
Device Driver Installation
The
USB2-F-7x01
adapter
requires
USB
device
drivers,
available
free
from
https://www.connectiveperipherals.com, which are used to make the USB2-F-7x01 appear as a Virtual
COM port (VCP). Communications in VCP mode are accomplished with ASCII commands to the CAN
controller.
Another USB device driver included with the download, the D2XX driver, can also be used with
application software to directly access the FT245R, and used in conjunction with a CAN command
Application Programming Interface (API) through the use of DLLs. The API is defined in the USB2-F-7x01
API Guide.
The USB2-F-7x01 uses the USB Vendor ID of 0x0403 and Product ID of 0xFAC6.
2.2.1 Microsoft Windows
Installing Drivers
1) Login to your system as Administrator, or a user with Administrator rights.
2) The device drivers are WHQL-certified and available through the Windows Update service.
3) If you are unable to use the Windows Update service, download the Connective Peripherals
drivers from https://www.connectiveperipherals.com. Extract the files to a folder on your local
hard drive.
4) Plug in the USB2-F-7x01. When the Hardware Wizard appears, select to browse your computer
and point the Wizard to the extracted folder.
5) Follow the on-screen instructions to complete the driver install.
Windows application software can access the USB2-F-7x01 through a COM port or D2XX direct function
calls. For software which uses a COM port, the assignment of the COM port number determined as noted
below.
Twisted Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com