Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABFW311-R Datasheet(PDF) 37 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 37 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 33Page - IDEC Corporation ABFW311-R Datasheet HTML 34Page - IDEC Corporation ABFW311-R Datasheet HTML 35Page - IDEC Corporation ABFW311-R Datasheet HTML 36Page - IDEC Corporation ABFW311-R Datasheet HTML 37Page - IDEC Corporation ABFW311-R Datasheet HTML 38Page - IDEC Corporation ABFW311-R Datasheet HTML 39Page - IDEC Corporation ABFW311-R Datasheet HTML 40Page - IDEC Corporation ABFW311-R Datasheet HTML 41Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
732
www.IDEC.com
1904032203
Dimensions continued
Pilot Lights
Round Flush APW1 Full Voltage
Round Flush APW1 Transformer
29.6
13
17.2
28.5
34.3
ø23.6
Terminal cover
APS-PVL (supplied)
Panel thickness 1 to 6
13
17.2
59.5
29.6
ø23.6
M3.5
Terminal Screws
T transformer
Panel thickness 1 to 6
Round Flush Marking Type APW1B Full Voltage
Round Flush Marking Type APW1B Transformer
13
17.2
69.5
29.6
ø23.6
Panel thickness 1 to 6
M3.5 Terminal Screws
13
17.2
69.5
29.6
ø23.6
Panel thickness 1 to 6
M3.5 Terminal Screws
Dome APW2 Full Voltage
Dome APW2 Transformer
29.6
13
24.5
28.5
34.3
ø23.6
Terminal Cover
APS-PVL (supplied)
Panel thickness 1 to 6
13
24.5
59.5
29.6
ø23.6
M3.5
Terminal Screws
T transformer
Panel thickness 1 to 6
Square Flush Marking Type APQW1B Full Voltage
Square Flush Marking Type APQW1B Transformer
29.6
13.1
16
28.5
34.3
24.7
Panel thickness 1 to 6
Terminal cover
APS-PVL (supplied)
13.1
16
69.5
29.6
28.5
M3.5 Terminal Screws
24.7
Panel thickness 1 to 6
Illuminated Selector Switches
49.4 (1 block)
69.4 (2-3 blocks)
29.6
89.4 (4blocks)
13
25
ø23.4
Panel thickness 1 to 6
Adust ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com