Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABFW311-R Datasheet(PDF) 4 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 4 Page - IDEC Corporation

  ABFW311-R Datasheet HTML 1Page - IDEC Corporation ABFW311-R Datasheet HTML 2Page - IDEC Corporation ABFW311-R Datasheet HTML 3Page - IDEC Corporation ABFW311-R Datasheet HTML 4Page - IDEC Corporation ABFW311-R Datasheet HTML 5Page - IDEC Corporation ABFW311-R Datasheet HTML 6Page - IDEC Corporation ABFW311-R Datasheet HTML 7Page - IDEC Corporation ABFW311-R Datasheet HTML 8Page - IDEC Corporation ABFW311-R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
699
800-262-IDEC (4332) USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Non-Illuminated Pushbuttons (Assembled) continued
Non-Illuminated Pushbuttons
Style
Contacts
Momentary Action
Maintained Action
Flush
1NO
1NC
1NO-1NC
2NO
2NC
ABW110-j
ABW101-j
ABW111-j
ABW120-j
ABW102-j
AOW110-j
AOW101-j
AOW111-j
AOW120-j
AOW102-j
Extended
1NO
1NC
1NO-1NC
2NO
2NC
ABW210-j
ABW201-j
ABW211-j
ABW220-j
ABW202-j
AOW210-j
AOW201-j
AOW211-j
AOW220-j
AOW202-j
Recessed
1NO
1NC
1NO-1NC
2NO
2NC
ABFW110-j
ABFW101-j
ABFW111-j
ABFW120-j
ABFW102-j
AOFW110-j
AOFW101-j
AOFW111-j
AOFW120-j
AOFW102-j
Extended with Full
Shroud
1NO
1NC
1NO-1NC
2NO
2NC
ABFW210-j
ABFW201-j
ABFW211-j
ABFW220-j
ABFW202-j
AOFW210-j
AOFW201-j
AOFW211-j
AOFW220-j
AOFW202-j
Ø 29mm
Mushroom Head
1NO
1NC
1NO-1NC
2NO
2NC
ABW310-j
ABW301-j
ABW311-j
ABW320-j
ABW302-j
AOW310-j
AOW301-j
AOW311-j
AOW320-j
AOW302-j
Ø 40mm
Mushroom Head
1NO
1NC
1NO-1NC
2NO
2NC
ABW410-j
ABW401-j
ABW411-j
ABW420-j
ABW402-j
AOW410-j
AOW401-j
AOW411-j
AOW420-j
AOW402-j
Ø 40mm
Mushroom Head
with Full Shroud
1NO
1NC
1NO-1NC
2NO
2NC
ABGW410-j
ABGW401-j
ABGW411-j
ABGW420-j
ABGW402-j
AOGW410-j
AOGW401-j
AOGW411-j
AOGW420-j
AOGW402-j
Square Flush
1NO
1NC
1NO-1NC
2NO
2NC
ABQW110-j
ABQW101-j
ABQW111-j
ABQW120-j
ABQW102-j
AOQW110-j
AOQW101-j
AOQW111-j
AOQW120-j
AOQW102-j
Square Extended
1NO
1NC
1NO-1NC
2NO
2NC
ABQW210-j
ABQW201-j
ABQW211-j
ABQW220-j
ABQW202-j
AOQW210-j
AOQW201-j
AOQW211-j
AOQW220-j
AOQW202-j
Keylock Push On/
Off
1NO
1NC
1NO-1NC
2NO
2NC
AKW210
AKW201
AKW211
AKW220
AKW202
1. In place of j, specify the Button Color Code from table.
2. For sub-assembled part numbers, see next page.
3. For accessories, see page 728.
4. For dimensions, see page 730.
5. Keyed switches are supplied with two keys. All units are keyed alike.
j
Button Color Codes
Color
Code
Black
B
Green
G
Red
R
Blue
S
Yellow
Y
White
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com