Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABFW311-R Datasheet(PDF) 8 Page - IDEC Corporation

Part # ABFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABFW311-R Datasheet(HTML) 8 Page - IDEC Corporation

Back Button ABFW311-R Datasheet HTML 4Page - IDEC Corporation ABFW311-R Datasheet HTML 5Page - IDEC Corporation ABFW311-R Datasheet HTML 6Page - IDEC Corporation ABFW311-R Datasheet HTML 7Page - IDEC Corporation ABFW311-R Datasheet HTML 8Page - IDEC Corporation ABFW311-R Datasheet HTML 9Page - IDEC Corporation ABFW311-R Datasheet HTML 10Page - IDEC Corporation ABFW311-R Datasheet HTML 11Page - IDEC Corporation ABFW311-R Datasheet HTML 12Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
703
800-262-IDEC (4332) USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Stop Switches (Sub-Assembled)
Transformer/
Adaptor*
+
Contacts
+
Lamp Holder
+
Operator
+
Lamp
+ Button or Lens =
Complete Part
*Not applicable for full voltage units
Operators
Style
Part Number
Non-Illuminated Illuminated
Ø 29/Ø 40mm
Pushlock Turn Reset
AVW-300
AVLW3-0600
Ø 40mm Push-Pull
AYW-400
AYLW4-0600
Ø 40mm Pushlock
Key Reset
AXW-300
Buttons
Style
Part Number
Ø 40mm Pushlock Turn Reset
AVW4B-R*
Ø 29mm Pushlock Turn Reset
AVW3B-R*
Ø 40mm Push-Pull
AYW4B-j
Ø 40mm Pushlock Key Reset
AXW4B-R*
1. *Available in Red only
2. In place of j, specify the button color code from table.
Lamps
Style
Voltage
Part Number
LED
6V AC/DC
LSTD-6k
12V AC/DC
LSTD-1k
24V AC/DC
LSTD-2k
120V AC
LSTD-H2k
240V AC
LSTD-M4k
1. In place of k, specify the LED color code.
2. The LED contains a current-limiting resistor and a
protection diode.
j
Button Color Codes
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
k
LED/Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com