Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-PA Datasheet(PDF) 1 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 1 Page - Linx Technologies

  SC-PA Datasheet HTML 1Page - Linx Technologies SC-PA Datasheet HTML 2Page - Linx Technologies SC-PA Datasheet HTML 3Page - Linx Technologies SC-PA Datasheet HTML 4Page - Linx Technologies SC-PA Datasheet HTML 5Page - Linx Technologies SC-PA Datasheet HTML 6Page - Linx Technologies SC-PA Datasheet HTML 7Page - Linx Technologies SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Page 1
SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
DESCRIPTION:
The PA version of Linx popular SC Series greatly reduces the time and
expense of making a product wireless. This is because the transceiver
module is pre-approved by the FCC when used with the appropriate
proprietary antennas.The TR-XXX-SC-PA transceiver module is
designed for the cost-effective, bi-directional transfer of wireless
information. The Transceiver utilizes an advanced synthesized
superhet architecture and has direct interface for analog or digital
information, UART-compatible data output, RSSI, low power
consumption, wide operational voltage, on-board TX/RX switch, SAW
front-end filter, and many other useful features. Fast turnaround times,
along with the support for data rates to 33.6Kbps, make the
transceiver suitable for a wide range of applications. Housed in a
compact through-hole package, the transceiver requires no tuning or
external RF components (except antenna), allowing for straightforward
application, even by engineers lacking previous RF experience.
PART #
DESCRIPTION
TR-XXX-SC-PA
SC-PA Transceiver
XXX=916MHz
ORDERING INFORMATION
Revised 10/31/01
FEATURES
•
FCC precertified for immediate integration
•
Direct interface for analog or digital information
•
Precision crystal-controlled synthesized architecture
•
Transparent serial input
•
UART-compatible data output
•
Built-in data squelching
•
High data-rate: up to 33,600bps
•
Wide-range analog capability including audio
•
Single-antenna-ready (No TX/RX switch required)
•
Differential LO dramatically reduces unintended radiation
•
Output power can be programmed with an external resistor
•
Good sensitivity (-94dBm typical at 10-5 BER)
•
SAW filter on front end for superior out-of-band rejection
•
Received signal strength indication
•
Fast start-up and turnaround time
•
Wide input voltage range (2.7 to 13 VDC)
•
Very low power consumption (as low as 12 mA)
•
Power-down mode – 50µA max (VCC @ 5V)
•
Small Area Networks
•
Wireless RS:232/485 Modems
•
2-Way Paging
•
Remote Control W/ Confirmation
•
Telemetry
•
Data Collection
•
Home/Industrial Automation
•
Long-Range RFID
•
Robotics
•
Wire Elimination
APPLICATIONS
0.375"
0.175"
∅ .325"
0.90"
1.50"
1.10"
Nomenclature Area
HIGH-PERFORMANCE
SC-PA
PRE-CERTIFIED
RF TRANSCEIVER
0.05"
0.13"
0.425"
1.300"
To Pin Centers
0.10"
0.022"
Physical Dimensions


Similar Part No. - SC-PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-0 ETC-SC-0 Datasheet
3Mb / 50P
Standard electromagnetic contactor, switch
SC-0002 ETC2-SC-0002 Datasheet
69Kb / 1P
SC CATALOG
logo
Vaishali Semiconductor
SC-0002 VAISH-SC-0002 Datasheet
69Kb / 1P
SC CATALOG
logo
List of Unclassifed Man...
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
Speech Synthesizer
logo
LEM
SC-01-06G LEM-SC-01-06G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
More results

Similar Description - SC-PA

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
logo
Ramtron International C...
AN91445 RAMTRON-AN91445 Datasheet
1Mb / 33P
Antenna Design Guide
logo
List of Unclassifed Man...
TR-916-SC-PA ETC2-TR-916-SC-PA Datasheet
237Kb / 16P
SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
TRM-315-LT ETC2-TRM-315-LT Datasheet
819Kb / 13P
LT SERIES TRANSCEIVER MODULE DATA GUIDE
TR-433-SC ETC2-TR-433-SC Datasheet
325Kb / 20P
SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
TR-433-SC-S ETC2-TR-433-SC-S Datasheet
370Kb / 20P
SC-S TRANSCEIVER MODULE DESIGN GUIDE
TXM-900-HP-II ETC2-TXM-900-HP-II Datasheet
236Kb / 16P
HP SERIES-II TRANSMITTER MODULE DESIGN GUIDE
logo
Broadcom Corporation.
ADNK-6003 BOARDCOM-ADNK-6003 Datasheet
305Kb / 24P
Design Guide
logo
Linx Technologies
TR-XXX-SC-P LINX-TR-XXX-SC-P Datasheet
325Kb / 20P
SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
2001
TR-XXX-SC-S LINX-TR-XXX-SC-S Datasheet
370Kb / 20P
SC-S TRANSCEIVER MODULE DESIGN GUIDE
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com