Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-PA Datasheet(PDF) 14 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 14 Page - Linx Technologies

Back Button SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies SC-PA Datasheet HTML 10Page - Linx Technologies SC-PA Datasheet HTML 11Page - Linx Technologies SC-PA Datasheet HTML 12Page - Linx Technologies SC-PA Datasheet HTML 13Page - Linx Technologies SC-PA Datasheet HTML 14Page - Linx Technologies SC-PA Datasheet HTML 15Page - Linx Technologies SC-PA Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Page 14
The TR-916-SC-PA module has been previously tested and received certification
as a modular product from the FCC. No further testing of the module is
necessary when compliant antennas are employed. The pre-certified status of
the module is valid only if all of the following are observed:
• No modifications to the module may be made.
• The module must utilize Linx antennas which have been previously tested with
the module and approved for FCC compliance.
• The pre-certified status applies only to the RF module. The user must
determine if additional certification or testing is required for peripheral circuitry.
• If the transceiver’s own label is not visible when installed inside another device
then the device must display an external label referring to the enclosed
module. The exterior label should appear as follows:
The product’s instruction manual must display the following statement:
This device contains
a previously certified
RF Transceiver module
FCC ID:OJM-TR-916-SC-PA
INSTRUCTION TO THE USER
This equipment contains an RF module which has been previously tested and
found to comply with the limits for a Class B digital device, pursuant to Part 15
of the FCC Rules. These limits are designed to provide reasonable protection
against harmful interference in a residential installation. This equipment
generates, uses and can radiate radio frequency energy and if not installed and
used in accordance with the instructions, may cause harmful interference to
radio communications. However, there is no guarantee that interference will not
occur in a particular installation. If this equipment does cause harmful
interference to radio or television reception, which can be determined by turning
the equipment off and on, the user is encouraged to try to correct the
interference by one or more of the following measures:
Reorient or relocate the receiving antenna.
Increase the separation between the equipment and receiver.
Connect the equipment into an outlet on a circuit different from that to which the
receiver is connected.
Consult the dealer or an experienced radio/TV technician for help.
This equipment has been certified to comply with the limits for a Class B
computing device, pursuant to FCC Rules. In order to maintain compliance with
FCC regulations, shielded cables must be used with this equipment. Operation
with non-approved equipment or unshielded cables is likely to result in
interference to radio and TV reception. The user is cautioned that changes and
modifications made to the equipment without the approval of manufacturer
could void the user's authority to operate this equipment.
LEGAL CONSIDERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com