Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-PA Datasheet(PDF) 11 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 11 Page - Linx Technologies

Back Button SC-PA Datasheet HTML 7Page - Linx Technologies SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies SC-PA Datasheet HTML 10Page - Linx Technologies SC-PA Datasheet HTML 11Page - Linx Technologies SC-PA Datasheet HTML 12Page - Linx Technologies SC-PA Datasheet HTML 13Page - Linx Technologies SC-PA Datasheet HTML 14Page - Linx Technologies SC-PA Datasheet HTML 15Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Page 11
BOARD LAYOUT CONSIDERATIONS
If you are at all familiar with RF devices, you may be concerned about
specialized layout requirements. Fortunately, because of the care taken by
Linx in the layout of the module’s PCB, integrating a TR-XXX-SC-PA
transceiver into your design is very straightforward. By adhering carefully to a
few basic design and layout rules, you can enjoy a trouble-free path to RF
success.
Figure 8 shows the suggested PCB footprint for the TR-XXX-SC-PA.
A groundplane (as large as possible) should be placed directly under the TR-XXX-
SC-PA. This groundplane can also be critical to the performance of your antenna.
The SC-PA should, as much as reasonably possible, be isolated from all other
components on your PCB. Specifically, high-frequency circuitry such as crystal
oscillators should be kept as far away as possible from the module.
0.100" Typ.
1.3 "
50 mil pad w/
ø .030" hole
Groundplane on Lower Layer
Figure 8: Recommended PCB layout
POWER SUPPLY CONSIDERATIONS
The user must provide a clean source of power
to the module to ensure proper operation.
Power-supply noise will manifest itself as AM
and FM noise and can significantly affect
transceiver performance. Providing a clean
power supply for the module should be a high
design priority.
The TR-XXX-SC-PA incorporates an on-board
Low-Dropout Regulator allowing the module to
operate over an input voltage range of 2.7 to 13
volts DC. The module’s power-supply line should have bypass capacitors
configured as shown in figure 7. Actual capacitor values will vary depending on
noise conditions.
.1
µF
>22
µF
Vcc IN
Vcc to
module
Figure 7: Suggested supply filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com