Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4116BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD4116BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD4116BCPZ Datasheet HTML 42Page - Analog Devices AD4116BCPZ Datasheet HTML 43Page - Analog Devices AD4116BCPZ Datasheet HTML 44Page - Analog Devices AD4116BCPZ Datasheet HTML 45Page - Analog Devices AD4116BCPZ Datasheet HTML 46Page - Analog Devices AD4116BCPZ Datasheet HTML 47Page - Analog Devices AD4116BCPZ Datasheet HTML 48Page - Analog Devices AD4116BCPZ Datasheet HTML 49Page - Analog Devices AD4116BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 46 of 59
APPLICATIONS INFORMATION
GROUNDING AND LAYOUT
The inputs and reference inputs are differential and, therefore,
most of the voltages in the analog modulator are common-mode
voltages. The high common-mode rejection of the device removes
common-mode noise on these inputs. The analog and digital
supplies to the AD4116 are independent and separately pinned
out to minimize coupling between the analog and digital sections
of the device. The digital filter provides rejection of broadband
noise on the power supplies, except at integer multiples of the
master clock frequency.
The digital filter also removes noise from the analog inputs
and reference inputs, provided that these noise sources do not
saturate the analog modulator. As a result, the AD4116 is more
immune to noise interference than a conventional high
resolution converter. However, because the resolution of the
AD4116 is high and the noise levels from the converter are so
low, take care with regard to grounding and layout.
The PCB that houses the ADC must be designed so that the
analog and digital sections are separated and confined to
certain areas of the board. A minimum etch technique is
generally best for ground planes because it results in the best
shielding.
In any layout, the user must keep in mind the flow of currents
in the system, ensuring that the paths for all return currents are as
close as possible to the paths the currents took to reach their
destinations.
Avoid running digital lines under the device because this
couples noise onto the die and allows the analog ground plane
to run under the AD4116 to prevent noise coupling. The power
supply lines to the AD4116 must use as wide a trace as possible
to provide low impedance paths and reduce glitches on the
power supply line. Shield fast switching signals like clocks with
digital ground to prevent radiating noise to other sections of
the board and never run clock signals near the inputs. Avoid
crossover of digital and analog signals. Run traces on opposite
sides of the board at right angles to each other. This layout
reduces the effects of feedthrough on the board. A microstrip
technique is by far the best but is not always possible with a
double-sided board. In this technique, the component side of
the board is dedicated to ground planes, whereas signals are
placed on the solder side.
Proper decoupling is important when using high resolution ADCs.
The AD4116 has two power supply pins: AVDD and IOVDD.
The AVDD pin is referenced to AVSS, and the IOVDD pin is
referenced to DGND. Decouple AVDD with a 10 µF tantalum
capacitor in parallel with a 0.1 µF capacitor to AVSS on each
pin. Place the 0.1 µF capacitor as near as possible to the device
on each supply, ideally right up against the device. Decouple
IOVDD with a 10 µF tantalum capacitor, in parallel with a 0.1 µF
capacitor to DGND. Decouple all inputs to AVSS. If an external
reference is used, decouple the REF+ and REF− pins to AVSS.
The AD4116 also has two on-board LDO regulator outputs:
one that regulates the AVDD supply, and one that regulates the
IOVDD supply. For the REGCAPA pin, it is recommended that
1 µF and 0.1 µF capacitors to AVSS be used. Similarly, for the
REGCAPD pin, it is recommended that 1 µF and 0.1 µF
capacitors to DGND be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com