Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4116BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD4116BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD4116BCPZ Datasheet HTML 8Page - Analog Devices AD4116BCPZ Datasheet HTML 9Page - Analog Devices AD4116BCPZ Datasheet HTML 10Page - Analog Devices AD4116BCPZ Datasheet HTML 11Page - Analog Devices AD4116BCPZ Datasheet HTML 12Page - Analog Devices AD4116BCPZ Datasheet HTML 13Page - Analog Devices AD4116BCPZ Datasheet HTML 14Page - Analog Devices AD4116BCPZ Datasheet HTML 15Page - Analog Devices AD4116BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 12 of 59
Pin No.
Mnemonic1
Type2
Description
39
REF−
AI
Reference Input Negative Terminal. REF− can span from AVSS to AVDD − 1 V. Reference can be selected
through the REF_SELx bits in the setup configuration registers.
40
REF+
AI
Reference Input Positive Terminal. An external reference can be applied between REF+ and REF−. REF+
can span from AVDD to AVSS + 1 V. Reference can be selected through the REF_SELx bits in the setup
configuration registers.
EP
P
Exposed Pad. Solder the exposed pad to a similar pad on the PCB under the exposed pad to confer
mechanical strength to the package and for heat dissipation. The exposed pad must be connected to
AVSS through this pad on the PCB.
1
Note that, throughout this data sheet, the dual function pin mnemonics are referenced by the relevant function only.
2
AI means analog input, AO means analog output, P means power supply, N/A means not applicable, DI means digital input, DO means digital output, and DI/O means
bidirectional digital input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com