Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4116BCPZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD4116BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116BCPZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD4116BCPZ Datasheet HTML 51Page - Analog Devices AD4116BCPZ Datasheet HTML 52Page - Analog Devices AD4116BCPZ Datasheet HTML 53Page - Analog Devices AD4116BCPZ Datasheet HTML 54Page - Analog Devices AD4116BCPZ Datasheet HTML 55Page - Analog Devices AD4116BCPZ Datasheet HTML 56Page - Analog Devices AD4116BCPZ Datasheet HTML 57Page - Analog Devices AD4116BCPZ Datasheet HTML 58Page - Analog Devices AD4116BCPZ Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 57 of 59
Bits
Bit Name
Settings
Description
Reset
Access
[9:8]
INBUFx
Input Buffer. This bit enables or disables input buffers.
0x0
R/W
00
Disabled.
01
Reserved.
10
Reserved.
11
Enabled.
[7:6]
Reserved
This bit is reserved. Set this bit to 0.
0x0
R
[5:4]
REF_SELx
These bits allow the user to select the reference source for ADC conversion on
Setup 0.
0x0
R/W
00
External reference − REF±.
10
Internal 2.5 V reference must be enabled via ADCMODE (see Table 27).
11
AVDD − AVSS.
[3:0]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
FILTER CONFIGURATION REGISTER 0 TO FILTER CONFIGURATION REGISTER 7
Address: 0x28 to 0x2F, Reset: 0x0500, Name: FILTCON0 to FILTCON7
The filter configuration registers are 16-bit registers that configure the ADC data rate and filter options. Writing to any of these registers resets
any active ADC conversion and restarts converting at the first channel in the sequence. The layout for FILTCON0 to FILTCON7 is identical.
Table 35. Bit Descriptions for FILTCON0 to FILTCON7
Bits
Bit Name
Settings
Description
Reset
Access
15
SINC3_MAPx
If this bit is set, the mapping of the filter register changes to directly program the
decimation rate of the sinc3 filter for Setup 0. All other options are eliminated. This bit
allows fine tuning of the output data rate and filter notch for rejection of specific
frequencies. The data rate when on a single channel equals fMOD/(32 × FILTCON0[14:0]).
0x0
R/W
[14:12]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
11
ENHFILTENx
This bit enables various post filters for enhanced 50 Hz/60 Hz rejection for Setup 0. The
ORDER0 bits must be set to 00 to select the sinc5 + sinc1 filter for this function to work.
0x0
R/W
0
Disabled.
1
Enabled.
[10:8]
ENHFILTx
These bits select between various post filters for enhanced 50 Hz/60 Hz rejection
for Setup 0.
0x5
R/W
010
27 SPS, 47 dB rejection, and 36.7 ms settling.
011
25 SPS, 62 dB rejection, and 40 ms settling.
101
20 SPS, 86 dB rejection, and 50 ms settling.
110
16.67 SPS, 92 dB rejection, and 60 ms settling.
7
Reserved
This bit is reserved. Set this bit to 0.
0x0
R
[6:5]
ORDERx
These bits control the order of the digital filter that processes the modulator data for
Setup 0.
0x0
R/W
00
Sinc5 + sinc1 (default).
11
Sinc3.
[4:0]
ODRx
These bits control the output data rate of the ADC and, therefore, the settling time
and noise for Setup x. Rates shown are for single channel enabled sinc5 + sinc 1 filter.
See Table 7 for multiple channels enabled.
0x0
R/W
00000
62500 SPS.
00001
62500 SPS.
00010
62500 SPS.
00011
62500 SPS.
00100
31250 SPS.
00101
31250 SPS.
00110
15625 SPS.
00111
10416.7 SPS.
01000
5194.8 SPS (5208.3 SPS for sinc3).
01001
2496.9 SPS (2500 SPS for sinc3).
01010
1007.6 SPS (1008.1 SPS for sinc3).
01011
499.9 SPS (500 SPS for sinc3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com