Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8671 Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN8671
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8671 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN8671 Datasheet HTML 2Page - Microchip Technology LAN8671 Datasheet HTML 3Page - Microchip Technology LAN8671 Datasheet HTML 4Page - Microchip Technology LAN8671 Datasheet HTML 5Page - Microchip Technology LAN8671 Datasheet HTML 6Page - Microchip Technology LAN8671 Datasheet HTML 7Page - Microchip Technology LAN8671 Datasheet HTML 8Page - Microchip Technology LAN8671 Datasheet HTML 9Page - Microchip Technology LAN8671 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Figure 2-1. LAN8670/1/2 System-Level Block Diagram
LAN8670/1/2
10 Mbps
Ethernet
MAC
MII/RMII
Crystal or
Clock
Oscillator
TRXN
TRXP
MDI-
MDI+
External MCU
Figure 2-2. LAN8670/1/2 Internal Block Diagram
PCS
TRXP
TRXN
CSRs
PMA
LDO
(10 mA)
VDDA
(3.3V)
1.8V
PCS
Misc Analog
SMI
RMII Logic
XTI/REFCLKIN
XTO
MII
MII/RMII
MDC
MDIO
RESET Generator
RESET_N
RBIAS
Mux
IRQ_N
Control FSM
VDDP
(3.3V)
VDDA
(3.3V)
1.8 V POR
PLCA
VDDA POR
LAN8670/1/2
Introduction
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com