Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8671 Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN8671
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8671 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN8671 Datasheet HTML 12Page - Microchip Technology LAN8671 Datasheet HTML 13Page - Microchip Technology LAN8671 Datasheet HTML 14Page - Microchip Technology LAN8671 Datasheet HTML 15Page - Microchip Technology LAN8671 Datasheet HTML 16Page - Microchip Technology LAN8671 Datasheet HTML 17Page - Microchip Technology LAN8671 Datasheet HTML 18Page - Microchip Technology LAN8671 Datasheet HTML 19Page - Microchip Technology LAN8671 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
4.
Packaging Information
4.1
32-VQFN (LAN8670 Only)
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2020 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.203 REF
0.30
0.20
0.80
0.00
0.25
0.40
0.90
0.02
5.00 BSC
MILLIMETERS
MIN
NOM
32
0.50
0.30
1.00
0.05
MAX
K
-
0.20
-
Terminal-to-Exposed Pad
Overall Length
Exposed Pad Length
D
D2
3.30
5.00 BSC
3.40
3.50
Exposed Pad Corner Chamfer
Step Height
Step Length
CH
0.35 REF
A4
D3
-
0.10
0.19
3.30
3.40
3.50
0.060
0.035
0.085
Microchip Technology Drawing C04-500 Rev B Sheet 1 of 2
32-Lead Very Thin Plastic Quad Flat, No Lead Package (LMX) - 5x5x1.0 mm Body [VQFN]
With 3.4 mm Exposed Pad and Stepped Wettable Flanks
LAN8670/1/2
Packaging Information
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com