Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8671 Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN8671
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8671 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN8671 Datasheet HTML 8Page - Microchip Technology LAN8671 Datasheet HTML 9Page - Microchip Technology LAN8671 Datasheet HTML 10Page - Microchip Technology LAN8671 Datasheet HTML 11Page - Microchip Technology LAN8671 Datasheet HTML 12Page - Microchip Technology LAN8671 Datasheet HTML 13Page - Microchip Technology LAN8671 Datasheet HTML 14Page - Microchip Technology LAN8671 Datasheet HTML 15Page - Microchip Technology LAN8671 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
3.4
Pin Descriptions
This section contains descriptions of the various LAN8670/1/2 pins. The “_N” symbol in the signal name indicates
that the active, or asserted, state occurs when the signal is at a low voltage level. For example, RESET_N indicates
that the reset signal is active low. When “_N” is not present after the signal name, the signal is asserted when at the
high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture
of “active low” and “active high” signals. The term assert, or assertion, indicates that a signal is active, independent
of whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is
inactive.
Pin buffer type definitions are detailed in the Buffer Types section.
Table 3-4. MII/RMII Signals
Name
Symbol
Buffer Type
Description
Transmit Data 0
TXD0
VIS-VDDP
Transmit data bus bit 0 (all modes)
Transmit Data 1
TXD1
VIS-VDDP
Transmit data bus bit 1 (all modes)
Transmit Data 2
(MII Mode)
TXD2
VIS-VDDP
Transmit data bus bit 2 (MII mode)
In RMII mode, this signal is not used and is internally pulled-
down to VSS.
Transmit Data 3
(MII Mode)
TXD3
VIS-VDDP
Transmit data bus bit 3 (MII mode)
In RMII mode, this signal is not used and is internally pulled-
down to VSS.
Transmit Error
(MII Mode)
TXER
VIS-VDDP
This signal is asserted to indicate that an error was detected
somewhere in the packet presently being transferred to the
transceiver.
This pin is unused in RMII mode and should be connected to
VSS.
Transmit Enable
TXEN
VIS-VDDP
Indicates that valid transmission data is present on TXD[3:0]. In
RMII mode, only TXD[1:0] provide valid data.
Note:  A pull-down resistor is recommended to prevent
incidental transmission if the MAC does not actively pull-down
or drive this pin low at all times during its reset and initialization.
Transmit Clock
(MII Mode)
TXCLK
VO-VDDP
2.5 MHz clock used to latch data from the MAC into the
transceiver.
In RMII mode, this pin is unused and is driven low. It should be
left unconnected.
Receive Data 0
RXD0
VOH-VDDP
Receive data bus bit 0 (all modes)
Receive Data 1
RXD1
VOH-VDDP
Receive data bus bit 1 (all modes)
Receive Data 2
(MII Mode)
RXD2
VO-VDDP
Receive data bus bit 2 (MII mode)
In RMII mode, this pin is unused and is driven low.
Receive Data 3
(MII Mode)
RXD3
VO-VDDP
Receive data bus bit 3 (MII mode)
In RMII mode, this pin is unused and is driven low.
Receive Error
RXER
VOH-VDDP
This signal is asserted to indicate that an error was detected
somewhere in the packet presently being transferred from the
transceiver.
This signal is optional in RMII mode.
LAN8670/1/2
Pin Description and Configuration
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com