Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC53508 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 8Page - Texas Instruments DAC53508 Datasheet HTML 9Page - Texas Instruments DAC53508 Datasheet HTML 10Page - Texas Instruments DAC53508 Datasheet HTML 11Page - Texas Instruments DAC53508 Datasheet HTML 12Page - Texas Instruments DAC53508 Datasheet HTML 13Page - Texas Instruments DAC53508 Datasheet HTML 14Page - Texas Instruments DAC53508 Datasheet HTML 15Page - Texas Instruments DAC53508 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
7.9 Typical Characteristics: Static Performance (continued)
at TA = 25°C, reference = 1.8 V, and DAC outputs unloaded (unless otherwise noted)
VDD (V)
1.8
2.725
3.65
4.575
5.5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
Figure 7-26. Offset Error vs Supply Voltage
Voltage Reference (V)
1.8
2.725
3.65
4.575
5.5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
VDD = 5.5 V
Figure 7-27. Offset Error vs Voltage Reference
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
VDD = 1.8 V
Figure 7-28. Gain Error vs Temperature
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
VDD = 5.5 V
Figure 7-29. Gain Error vs Temperature
VDD (V)
1.8
2.725
3.65
4.575
5.5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
Figure 7-30. Gain Error vs Supply Voltage
Voltage Reference (V)
1.8
2.725
3.65
4.575
5.5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
VDD = 5.5 V
Figure 7-31. Gain Error vs Voltage Reference
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com