Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC53508 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 14Page - Texas Instruments DAC53508 Datasheet HTML 15Page - Texas Instruments DAC53508 Datasheet HTML 16Page - Texas Instruments DAC53508 Datasheet HTML 17Page - Texas Instruments DAC53508 Datasheet HTML 18Page - Texas Instruments DAC53508 Datasheet HTML 19Page - Texas Instruments DAC53508 Datasheet HTML 20Page - Texas Instruments DAC53508 Datasheet HTML 21Page - Texas Instruments DAC53508 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
8 Detailed Description
8.1 Overview
The 10-bit DAC53508 and 8-bit DAC43508 (DACx3508) are a pin-compatible family of eight-channel, buffered
voltage-output digital-to-analog converters (DACs). With an external reference ranging from 1.8 V to 5.5 V, a
full-scale output voltage of 1.8 V to 5.5 V is achievable. These devices are specified monotonic across the
power-supply range.
Communication to the devices is established through a three-wire SPI-compatible interface. These devices do
not support readback operation. These devices include a load DAC (LDAC) pin for simultaneous DAC updates
and a clear (CLR) pin for setting the outputs to zero scale.
The DACx3508 devices are characterized for operation over the temperature range of –40°C to +125°C and are
available in tiny QFN packages.
8.2 Functional Block Diagram
VOUTA
DAC
Registers
BUF
Channel A
Power-Down Logic
Resistive Network
Power-On Reset
DACx3508
SCLK
SDI
SYNC
DAC
VDD
VREFIN
AGND
LDAC
Channel H
VOUTH
CLR
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com