Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4633 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4633
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4633 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4633 Datasheet HTML 9Page - Analog Devices LTM4633 Datasheet HTML 10Page - Analog Devices LTM4633 Datasheet HTML 11Page - Analog Devices LTM4633 Datasheet HTML 12Page - Analog Devices LTM4633 Datasheet HTML 13Page - Analog Devices LTM4633 Datasheet HTML 14Page - Analog Devices LTM4633 Datasheet HTML 15Page - Analog Devices LTM4633 Datasheet HTML 16Page - Analog Devices LTM4633 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTM4671
13
Rev. B
For more information www.analog.com
BLOCK DIAGRAM
Figure 1. Simplified LTM4671 Block Diagram
CLKOUT0
POWER CONTROL
MODE/CLKIN0
TRACK/SS0
RUN0
COMP0a
INTVCC0
1µF
0.22µF
0.33µH
100k
100k
10µF
47µF
FREQ0
274k
60.4k
0.1µF
VIN
4V TO 20V
VOUT0
1.0V
12A
INTVCC0
PGOOD0
VIN
VOUT1
GND
FB0
VOSNS0
VOSNS0+
TRACK/SS3
RUN3
COMP3a
INTVCC3
INTERNAL
FILTER
1µF
0.22µF
0.33µH
47µF
FREQ3
274k
0.1µF
FB1
19.1k
MODE/CLKIN3
VIN
VOUT3
1.2V
12A
INTVCC3
PGOOD3
VOUT3
GND
POWER CONTROL
TRACK/SS2
FREQ12
COMP2
INTVCC12
INTERNAL COMP
1µF
0.22µF
1µH
47µF
0.1µF
FB2
13.3k
MODE/CLKIN12
COMP1
INTERNAL COMP
RUN2
RUN1
VOUT1
2.5V
5A
PGOOD1
PGOOD2
VIN
VOUT1
GND
TRACK/SS1
0.1µF
2.2µF
15pF
2.2µF
2.2µF
15pF
90.9k
FB3
VOSNS3+
VOSNS3
VOSNS1
VOSNS2
60.4k
CLKOUT3
60.4k
INTVCC12
INTVCC12
10k
10k
1µF
0.22µF
1µH
47µF
VOUT2
3.3V
5A
VOUT2
GND
324k
60.4k
COMP3b
INTERNAL COMP
POWER CONTROL
INTERNAL
FILTER
COMP0b
INTERNAL COMP
60.4k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com