Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4633 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4633
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4633 Datasheet(HTML) 3 Page - Analog Devices

  LTM4633 Datasheet HTML 1Page - Analog Devices LTM4633 Datasheet HTML 2Page - Analog Devices LTM4633 Datasheet HTML 3Page - Analog Devices LTM4633 Datasheet HTML 4Page - Analog Devices LTM4633 Datasheet HTML 5Page - Analog Devices LTM4633 Datasheet HTML 6Page - Analog Devices LTM4633 Datasheet HTML 7Page - Analog Devices LTM4633 Datasheet HTML 8Page - Analog Devices LTM4633 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTM4671
3
Rev. B
For more information www.analog.com
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4671EY#PBF
SAC305 (RoHS)
LTM4671Y
e1
BGA
3
–40°C to 125°C
LTM4671IY#PBF
LTM4671Y
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• BGA Package and Tray Drawings
• This product is not recommended for second side reflow.
This product is moisture sensitive. For more information, go
to Recommended BGA PCB Assembly and Manufacturing
Procedures.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel. TA = 25°C (Note 2), SVIN = VIN = 12V, unless otherwise
noted. Per the typical application in Figure 30.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Switching Regulator Section: (12A Channels)
VIN
Input DC Voltage
l
3.1
20
V
VIN(AFTER START-UP) Input DC Voltage After Start-Up
l
2.9
20
V
VOUT(RANGE)
Output Voltage Range
l
0.6
3.3
V
VOUT(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 22µF, COUT = 100µF Ceramic
RFB = 40.2k, Continuous Current Mode
SVIN = VIN = 3.1V to 20V, IOUT = 0A to 12A
l
1.482 1.50 1.518
V
IQ(VIN)
Input Supply Bias Current
SVIN = VIN = 12V, VOUT = 1.5V, Continuous Current Mode
SVIN = VIN = 12V, RUN = 0, Shutdown
75
70
mA
µA
IS(VIN)
Input Supply Current
SVIN = VIN = 12V, VOUT = 1.5V, IOUT = 12A
1.6
A
IOUT(DC)
Output Continuous Current Range
SVIN = VIN = 12V, VOUT = 1.5V (Note 4)
0
12
A
∆VOUT(LINE)/VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN = 3.1V to 20V, IOUT = 0A
l
0.001 0.05
%/V
∆VOUT(LOAD)/VOUT Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 12A
l
0.2
0.5
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic
SVIN = VIN = 12V, VOUT = 1.5V
6
mV
∆VOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 100µF Ceramic,
SVIN = VIN = 12V, VOUT = 1.5V
15
mV
tSTART
Turn-On Time
TRACK/SS = 0.01µF,
SVIN = VIN = 12V, VOUT = 1.5V, COUT = 3× 100µF Ceramic
1
ms
∆VOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 25% to 0% of Full Load
SVIN = VIN = 12V, VOUT = 1.5V, COUT = 3× 100µF Ceramic
±50
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 25% to 0% of Full Load
SVIN = VIN = 12V, VOUT = 1.5V, COUT = 3× 100µF Ceramic
50
µs
IOUTPK
Output Current Limit
SVIN = VIN = 12V, VOUT = 1.5V
14
A
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.594
0.6
0.606
V
IFB
Current at VFB Pin
(Note 6)
±50
nA
RFB(TOP)
Resistor Between VOUT and VFB Pins
60.05 60.40 60.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com