Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4633 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4633
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4633 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4633 Datasheet HTML 13Page - Analog Devices LTM4633 Datasheet HTML 14Page - Analog Devices LTM4633 Datasheet HTML 15Page - Analog Devices LTM4633 Datasheet HTML 16Page - Analog Devices LTM4633 Datasheet HTML 17Page - Analog Devices LTM4633 Datasheet HTML 18Page - Analog Devices LTM4633 Datasheet HTML 19Page - Analog Devices LTM4633 Datasheet HTML 20Page - Analog Devices LTM4633 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTM4671
17
Rev. B
For more information www.analog.com
FREQUENCY SYNCHRONIZATION AND CLOCK IN
The power module has a phase-locked loop comprised
of an internal voltage controlled oscillator and a phase
detector. This allows all internal top MOSFET turn-on to
be locked to the rising edge of the same external clock.
The external clock frequency range must be within ±30%
around the set frequency.
A pulse detection circuit is used to detect a clock on the
MODE/CLKIN0 pin for CH0 (12A) channel, MODE/CLKIN3
pinforCH3(12A)channelandMODE/CLKIN12pinforboth
CH1andCH25Achannelstoturnonthephase-lockedloop.
The pulse width of the clock has to be at least 400ns.
The clock high level must be above 1V and clock low
level below 0.3V. During the start-up of the regulator, the
phase-locked loop function is disabled. When the module
is driven with an external clock, forced continuous mode
(CCM) is automatically enabled.
MULTICHANNEL PARALLEL OPERATION
For the application that demand more than 12A of output
current, the LTM4671 multiple regulator channels can be
easilyparalleledtorunoutofphasetoprovidemoreoutput
currentwithoutincreasinginputandoutputvoltageripples.
For the 12A channels (CH0, CH3), each channel has its
own MODE/CLKIN and CLKOUT pin. The CLKOUT signal
can be connected to the CLKIN pin of the following stage to
line up both frequency and the phase of the entire system.
Tying the PHMODE pin to INTVCC,SGNDorfloatingthepin
generates a phase difference between the clock applied on
the MODE/CLKIN pin and CLKOUT of 180° degrees, 120°
degrees, or 90° degrees respectively, which corresponds
to 2-phase, 3-phase, or 4-phase operation.
For the 5A channels (CH1, CH2), a preset built-in 180°
phase different between channel 1 and channel 2. MODE/
CLKIN12 allows both channels to be synchronized to
an external clock or the CLKOUT signal from any of the
12A channels.
Figure 2 shows a 2 + 2 and a 4-channels parallel concept
schematic for clock phasing.
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output ca-
APPLICATIONS INFORMATION
Figure 2. 2 + 2 Parallel Concept Schematic
pacitors. The RMS input ripple current is reduced by, and
the effective ripple frequency is multiplied by, the number
of phases used (assuming that the input voltage is greater
than the number of phases used times the output voltage).
The output ripple amplitude is also reduced by the number
of phases used when all of the outputs are tied together
to achieve a single high output current design.
The LTM4671 device is an inherently current mode con-
trolled device, so parallel modules will have very good
current sharing. This will balance the thermals on the
design. Please tie RUN, TRACK/SS, FB and COMP pins
of each paralleling channel together. Figure 31 shows an
example of parallel operation and pin connection.
INPUT RMS RIPPLE CURRENT CANCELLATION
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current
cancellation mathematical derivations are presented, and
a graph is displayed representing the RMS ripple current
reduction as a function of the number of interleaved
phases. Figure 3 shows this graph.
4671 F02
MODE/CLKIN0
PHMODE0
CLKOUT0
VOUT0
CH0
(0°)
LTM4671
180°
MODE/CLKIN3
PHMODE3
CLKOUT3
VOUT3
CH3
(180°)
90°
MODE/CLKIN12
VOUT1
CH1
(270°)
180°
VOUT2
CH2
(90°)
24A
10A
INTVCC0
FLOAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com