Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74117AX Datasheet(PDF) 2 Page - GSI Technology

Part # GS74117AX
Description  256K x 16 4Mb Asynchronous SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74117AX Datasheet(HTML) 2 Page - GSI Technology

  GS74117AX Datasheet HTML 1Page - GSI Technology GS74117AX Datasheet HTML 2Page - GSI Technology GS74117AX Datasheet HTML 3Page - GSI Technology GS74117AX Datasheet HTML 4Page - GSI Technology GS74117AX Datasheet HTML 5Page - GSI Technology GS74117AX Datasheet HTML 6Page - GSI Technology GS74117AX Datasheet HTML 7Page - GSI Technology GS74117AX Datasheet HTML 8Page - GSI Technology GS74117AX Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev: 1.02 10/2002
2/12
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74117AX
Note: X: “H” or “L”
Truth Table
CE
OE
WE
LB
UB
DQ1 to DQ8
DQ9 to DQ16
VDD Current
H
X
X
X
X
Not Selected
Not Selected
ISB1, ISB2
LL
H
L
L
Read
Read
IDD
L
H
Read
High Z
H
L
High Z
Read
LX
L
LL
Write
Write
L
H
Write
Not Write, High Z
H
L
Not Write, High Z
Write
L
H
H
X
X
High Z
High Z
L
X
X
H
H
High Z
High Z
Memory Array
Row
Decoder
Column
Decoder
Address
Input
Buffer
Control
I/O Buffer
A0
CE
WE
OE
DQ1
A17
Block Diagram
DQ16
UB _____
LB _____



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com