Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74117AX Datasheet(PDF) 3 Page - GSI Technology

Part # GS74117AX
Description  256K x 16 4Mb Asynchronous SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74117AX Datasheet(HTML) 3 Page - GSI Technology

  GS74117AX Datasheet HTML 1Page - GSI Technology GS74117AX Datasheet HTML 2Page - GSI Technology GS74117AX Datasheet HTML 3Page - GSI Technology GS74117AX Datasheet HTML 4Page - GSI Technology GS74117AX Datasheet HTML 5Page - GSI Technology GS74117AX Datasheet HTML 6Page - GSI Technology GS74117AX Datasheet HTML 7Page - GSI Technology GS74117AX Datasheet HTML 8Page - GSI Technology GS74117AX Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev: 1.02 10/2002
3/12
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74117AX
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Rec-
ommended Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device
reliability.
Notes:
1. Input overshoot voltage should be less than VDD +2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
–0.5 to +4.6
V
Input Voltage
VIN
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Output Voltage
VOUT
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Allowable power dissipation
PD
0.7
W
Storage temperature
TSTG
–55 to 150
oC
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for -7/-8/-10/-12
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
—
VDD +0.3
V
Input Low Voltage
VIL
–0.3
—
0.8
V
Ambient Temperature,
Commercial Range
TAc
0—
70
oC
Ambient Temperature,
Industrial Range
TAI
–40
—
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com