Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74117AX Datasheet(PDF) 1 Page - GSI Technology

Part # GS74117AX
Description  256K x 16 4Mb Asynchronous SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74117AX Datasheet(HTML) 1 Page - GSI Technology

  GS74117AX Datasheet HTML 1Page - GSI Technology GS74117AX Datasheet HTML 2Page - GSI Technology GS74117AX Datasheet HTML 3Page - GSI Technology GS74117AX Datasheet HTML 4Page - GSI Technology GS74117AX Datasheet HTML 5Page - GSI Technology GS74117AX Datasheet HTML 6Page - GSI Technology GS74117AX Datasheet HTML 7Page - GSI Technology GS74117AX Datasheet HTML 8Page - GSI Technology GS74117AX Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev: 1.02 10/2002
1/12
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74117AX
256K x 16
4Mb Asynchronous SRAM
7, 8, 10, 12 ns
3.3 V VDD
Center VDD and VSS
FP-BGA
Commercial Temp
Industrial Temp
Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 150/130/105/95 mA at
minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package:
X: 6 mm x 10 mm Fine Pitch Ball Grid Array
package
Description
The GS74117A is a high speed CMOS Static RAM organized
as 262,144 words by 16 bits. Static design eliminates the need
for external clocks or timing strobes. The GS operates on a
single 3.3 V power supply and all inputs and outputs are TTL-
compatible. The GS74117A is available in a 6 x 10 mm Fine
Pitch BGA package.
Pin Descriptions
Fine Pitch BGA 256K x 16 Bump Configuration
Package X
6 x 10 mm Bump Pitch
Top View
Symbol
Description
A0–A17
Address input
DQ1–DQ16
Data input/output
CE
Chip enable input
LB
Lower byte enable input
(DQ1 to DQ8)
UB
Upper byte enable input
(DQ9 to DQ16)
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
1
234
56
ALB
OE
A0
A1
A2
NC
BDQ1
UB
A3
A4
CE
DQ16
CDQ3
DQ2
A5
A6
DQ15 DQ14
DVSS
DQ4
A17
A7
DQ13 VDD
EVDD
DQ5
NC
A16
DQ12 VSS
FDQ6
DQ7
A8
A9
DQ10 DQ11
GDQ8
NC
A10
A11
WE
DQ9
HNC
A12
A13
A14
A15
NC


Similar Part No. - GS74117AX

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10I GSI-GS74116AGP-10I Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
More results

Similar Description - GS74117AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
256K x 16 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
1M x 4 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
512K x 8 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com