Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMF
Description  200W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMF Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@
VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
SMF5.0A
SMF5.0CA
5.0
150
6.40
7.00
10
9.2
21.7
SMF6.0A
SMF6.0CA
6.0
100
6.67
7.37
10
10.3
19.4
SMF6.5A
SMF6.5CA
6.5
100
7.22
7.98
10
11.2
17.9
SMF7.0A
SMF7.0CA
7.0
50
7.78
8.60
10
12.0
16.7
SMF7.5A
SMF7.5CA
7.5
50
8.33
9.21
1
12.9
15.5
SMF8.0A
SMF8.0CA
8.0
20
8.89
9.83
1
13.6
14.7
SMF9.0A
SMF9.0CA
9.0
5
10.00
11.10
1
15.4
13.0
SMF10A
SMF10CA
10.0
2
11.10
12.30
1
17.0
11.8
SMF11A
SMF11CA
11.0
1
12.20
13.50
1
18.2
11.0
SMF12A
SMF12CA
12.0
1
13.30
14.70
1
19.9
10.1
SMF13A
SMF13CA
13.0
1
14.40
15.90
1
21.5
9.3
SMF14A
SMF14CA
14.0
1
15.60
17.20
1
23.2
8.6
SMF15A
SMF15CA
15.0
1
16.70
18.50
1
24.4
8.2
SMF18A
SMF18CA
18.0
1
20.00
22.10
1
29.2
6.8
SMF20A
SMF20CA
20.0
1
22.20
24.50
1
32.4
6.2
SMF22A
SMF22CA
22.0
1
24.40
26.90
1
35.5
5.6
SMF24A
SMF24CA
24.0
1
26.70
29.50
1
38.9
5.1
SMF26A
SMF26CA
26.0
1
28.90
31.90
1
42.1
4.8
SMF28A
SMF28CA
28.0
1
31.10
34.40
1
45.4
4.4
SMF30A
SMF30CA
30.0
1
33.30
36.80
1
48.4
4.1
SMF33A
SMF33CA
33.0
1
36.70
40.60
1
53.3
3.8
SMF36A
SMF36CA
36.0
1
40.00
44.20
1
58.1
3.4
SMF40A
SMF40CA
40.0
1
44.40
49.10
1
64.5
3.1
SMF43A
SMF43CA
43.0
1
47.80
52.80
1
69.4
2.88
SMF45A
SMF45CA
45.0
1
50.00
55.30
1
72.7
2.75
SMF Series 200W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
2/5
SMF48A
SMF48CA
48.0
1
53.30
58.90
1
77.4
2.6
SMF51A
SMF51CA
51.0
1
56.70
62.70
1
82.4
2.4
SMF58A
SMF58CA
58.0
1
64.40
71.20
1
93.6
2.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com