Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMF
Description  200W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMF Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMF Series 200W Transient Voltage Suppressor
ELECTRICAL CHARACTERISTICS(TA=25℃,continued)
R
IR@
VR
VBR@IT
IT
VC@IPP
IPP①
μA
min(V)
max(V)
mA
max(V)
A
0
1
66.70
73.70
1
96.8
2.0
0
1
71.10
78.60
1
103.0
1.9
0
1
77.80
86.00
1
113.0
1.8
0
1
83.30
92.10
1
121.0
1.7
0
1
86.70
95.80
1
126.0
1.6
85.0
1
94.40
104.0
1
137.0
1.5
90.0
1
100.0
111.0
1
146.0
1.4
100.0
1
111.0
123.0
1
162.0
1.2
110.0
1
122.0
135.0
1
177.0
1.1
120.0
1
133.0
147.0
1
193.0
1.0
130.0
1
144.0
159.0
1
209.0
0.9
150.0
1
167.0
185.0
1
243.0
0.8
160.0
1
178.0
197.0
1
259.0
0.8
170.0
1
189.0
209.0
1
275.0
0.7
180.0
1
201.0
222.0
1
292.0
0.7
200.0
1
224.0
247.0
1
324.0
0.6
220.0
1
246.0
272.0
1
356.0
0.5
Surge waveform:10/1000
①
μs
VR: Stand-off voltage -- maximum voltage that can be applied
VBR: Breakdown voltage
VC: Clamping voltage -- peak voltage measured across the suppressor at a specified IPP
IR: Reverse leakage current
Part Number
V
Uni-Polar
Bi-Polar
V
SMF60A
60.
SMF64A
64.
SMF70A
70.
SMF75A
75.
SMF78A
78.
SMF85A
SMF90A
SMF100A
SMF110A
SMF120A
SMF130A
SMF150A
SMF160A
SMF170A
SMF180A
SMF200A
SMF220A
SMF60CA
SMF70CA
SMF64CA
SMF75CA
SMF78CA
SMF85CA
SMF90CA
SMF100CA
SMF110CA
SMF120CA
SMF130CA
SMF150CA
SMF160CA
SMF170CA
SMF180CA
SMF200CA
SMF220CA
Rev :
www.leiditech.com
01.06.2018
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com