Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMF
Description  200W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMF Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ORDERING INFORMATION
RATINGS AND V-I CHARACTERISTICS CURVES (T
A=25ºC, unless otherwise noted)
FIG.1:V- I curve characteristics
(Uni-directional)
FIG.2:V- I curve characteristics
(Bi-directional)
IPP
VC VBR VR
VF
V
IPP
VC VBR VR
V
VC
VBR
VR
IR
IT
IR
IT
IPP
FIG.3: Pulse waveform
IPPM(%IRSM)
0
100
50
0
1.0
2.0
3.0
4.0
Peak value
150
Half value
tr=10μs
td
tr = rise time to peak value
td = decay time to half value
t(ms)
FIG.4: Pulse derating curve
PPP derating in percentage(%)
0
20
0
25
50
75
100
125
150
175
100
TA(℃)
40
60
80
SMF Series 200W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com