Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 3Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 4Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 5Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 6Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 7Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 8Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 9Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 10Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
6 Pin Configuration and Functions
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
Figure 6-1. TLV9001 DBV, TLV9001T DCK Package
5-Pin SOT-23, SC70
Top View
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
Figure 6-2. TLV9001 DCK Package, TLV9001 DRL
Package, TLV9001U DBV Package
5-Pin SC70, SOT-553, SOT-23
Top View
1
OUT
2
IN±
3
V±
4
IN+
5
V+
Not to scale
Figure 6-3. TLV9001 DPW Package
5-Pin X2SON
Top View
Table 6-1. Pin Functions: TLV9001
PIN
I/O
DESCRIPTION
NAME
SOT-23,
SC70(T)
SC70,
SOT-23(U),
SOT-553
X2SON
IN–
4
3
2
I
Inverting input
IN+
3
1
4
I
Noninverting input
OUT
1
4
1
O
Output
V–
2
2
3
I or — Negative (low) supply or ground (for single-supply operation)
V+
5
5
5
I
Positive (high) supply
www.ti.com
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com