Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TLV9001UIDBVR Datasheet HTML 1Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 2Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 3Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 4Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 5Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 6Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 7Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 8Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
1 Features
• Scalable CMOS amplifier for low-cost applications
• Rail-to-rail input and output
• Low input offset voltage: ±0.4 mV
• Unity-gain bandwidth: 1 MHz
• Low broadband noise: 27 nV/√Hz
• Low input bias current: 5 pA
• Low quiescent current: 60 µA/Ch
• Unity-gain stable
• Internal RFI and EMI filter
• Operational at supply voltages as low as 1.8 V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Extended temperature range: –40°C to 125°C
2 Applications
• Sensor signal conditioning
• Power modules
• Active filters
• Low-side current sensing
• Smoke detectors
• Motion detectors
• Wearable devices
• Large and small appliances
• EPOS
• Barcode scanners
• Personal electronics
• HVAC: heating, ventilating, and air conditioning
• Motor control: AC induction
3 Description
The TLV900x family includes single (TLV9001), dual
(TLV9002), and quad-channel (TLV9004) low-voltage
(1.8 V to 5.5 V) operational amplifiers (op amps)
with rail-to-rail input and output swing capabilities.
These op amps provide a cost-effective solution
for space-constrained applications such as smoke
detectors, wearable electronics, and small appliances
where low-voltage operation and high capacitive-load
drive are required. The capacitive-load drive of the
TLV900x family is 500 pF, and the resistive open-
loop output impedance makes stabilization easier with
much higher capacitive loads. These op amps are
designed specifically for low-voltage operation (1.8 V
to 5.5 V) with performance specifications similar to the
TLV600x devices.
The robust design of the TLV900x family simplifies
circuit design. The op amps feature unity-gain
stability, an integrated RFI and EMI rejection filter, and
no-phase reversal in overdrive conditions.
The TLV900x devices include a shutdown mode
(TLV9001S, TLV9002S, and TLV9004S) that allow the
amplifiers to switch off into standby mode with typical
current consumption less than 1 µA.
Micro-size packages, such as SOT-553 and WSON,
are offered for all channel variants (single, dual, and
quad), along with industry-standard packages such as
SOIC, MSOP, SOT-23, and TSSOP packages.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
TLV9001
SOT-23 (5)
1.60 mm × 2.90 mm
SC70 (5)
1.25 mm × 2.00 mm
SOT-553 (5)(2)
1.65 mm × 1.20 mm
X2SON (5)
0.80 mm × 0.80 mm
TLV9001S
SOT-23 (6)
1.60 mm × 2.90 mm
SC70 (6)
1.25 mm × 2.00 mm
TLV9002
SOIC (8)
3.91 mm × 4.90 mm
WSON (8)
2.00 mm × 2.00 mm
VSSOP (8)
3.00 mm × 3.00 mm
SOT-23 (8)
1.60 mm × 2.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
TLV9002S
VSSOP (10)
3.00 mm × 3.00 mm
X2QFN (10)
1.50 mm × 2.00 mm
DSBGA (9)
1.00 mm × 1.00 mm
TLV9004
SOIC (14)
8.65 mm × 3.91 mm
SOT-23 (14)
4.20 mm × 2.00 mm
TSSOP (14)
4.40 mm × 5.00 mm
WQFN (16)
3.00 mm × 3.00 mm
X2QFN (14)
2.00 mm × 2.00 mm
TLV9004S
WQFN (16)
3.00 mm × 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Package is for preview only.
Single-Pole, Low-Pass Filter
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV9001UIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9001UIDBVR TI1-TLV9001UIDBVR Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001UIDBVR TI1-TLV9001UIDBVR Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001UIDBVR TI1-TLV9001UIDBVR Datasheet
5Mb / 76P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001UIDBVR TI1-TLV9001UIDBVR Datasheet
4Mb / 81P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001UIDBVR TI1-TLV9001UIDBVR Datasheet
5Mb / 82P
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results

Similar Description - TLV9001UIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9061 TI1-TLV9061 Datasheet
345Kb / 22P
10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
TLV9001_1810 TI1-TLV9001_1810 Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_181029 TI1-TLV9001_181029 Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001 TI1-TLV9001_19 Datasheet
5Mb / 76P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_1905 TI1-TLV9001_1905 Datasheet
4Mb / 81P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001 TI1-TLV9001_V01 Datasheet
5Mb / 82P
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001 TI-TLV9001_V02 Datasheet
5Mb / 86P
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001-Q1 TI-TLV9001-Q1_V03 Datasheet
1Mb / 45P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED DECEMBER 2022
TLV9001 TI-TLV9001_V04 Datasheet
6Mb / 98P
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
REVISED NOVEMBER 2021
TLV9001-Q1 TI-TLV9001-Q1_V05 Datasheet
2Mb / 49P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com