Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001UIDBVR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9001UIDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV9001UIDBVR Datasheet HTML 13Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 14Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 15Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 16Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 17Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 18Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 19Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 20Page - Texas Instruments TLV9001UIDBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
7.10 Electrical Characteristics
For VS = (V+) – (V–) = 1.8 V to 5.5 V (±0.9 V to ±2.75 V), TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT =
VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±0.4
±1.6
mV
VS = 5 V, TA = –40°C to 125°C
±2
dVOS/dT VOS vs temperature
TA = –40°C to 125°C
±0.6
µV/°C
PSRR
Power-supply rejection ratio
VS = 1.8 to 5.5 V, VCM = (V–)
80
105
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
No phase reversal, rail-to-rail input
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 1.8 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V,
TA = –40°C to 125°C
86
dB
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V,
TA = –40°C to 125°C
95
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V,
TA = –40°C to 125°C
63
77
VS = 1.8 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V,
TA = –40°C to 125°C
68
INPUT BIAS CURRENT
IB
Input bias current
VS = 5 V
±5
pA
IOS
Input offset current
±2
pA
NOISE
En
Input voltage noise (peak-to-
peak)
ƒ = 0.1 Hz to 10 Hz, VS = 5 V
4.7
µVPP
en
Input voltage noise density
ƒ = 1 kHz, VS = 5 V
30
nV/√ Hz
ƒ = 10 kHz, VS = 5 V
27
in
Input current noise density
ƒ = 1 kHz, VS = 5 V
23
fA/√ Hz
INPUT CAPACITANCE
CID
Differential
1.5
pF
CIC
Common-mode
5
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V,
RL = 10 kΩ
104
117
dB
VS = 1.8 V, (V–) + 0.04 V < VO < (V+) – 0.04 V,
RL = 10 kΩ
100
VS = 1.8 V, (V–) + 0.1 V < VO < (V+) – 0.1 V,
RL = 2 kΩ
115
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V,
RL = 2 kΩ
130
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
VS = 5 V
1
MHz
φm
Phase margin
VS = 5.5 V, G = 1
78
°
SR
Slew rate
VS = 5 V
2
V/µs
tS
Settling time
To 0.1%, VS = 5 V, 2-V step, G = +1, CL = 100 pF
2.5
µs
To 0.01%, VS = 5 V, 2-V step, G = +1, CL = 100 pF
3
tOR
Overload recovery time
VS = 5 V, VIN × gain > VS
0.85
µs
THD+N
Total harmonic distortion +
noise
VS = 5.5 V, VCM = 2.5 V, VO = 1 VRMS, G = +1,
ƒ = 1 kHz, 80-kHz measurement BW
0.004%
OUTPUT
VO
Voltage output swing from
supply rails
VS = 5.5 V, RL = 10 kΩ
10
20
mV
VS = 5.5 V, RL = 2 kΩ
35
55
ISC
Short-circuit current
VS = 5.5 V
±40
mA
ZO
Open-loop output impedance
VS = 5 V, ƒ = 1 MHz
1200
Ω
www.ti.com
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com