Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 5 Page - Texas Instruments

  UCD7100PWPR Datasheet HTML 1Page - Texas Instruments UCD7100PWPR Datasheet HTML 2Page - Texas Instruments UCD7100PWPR Datasheet HTML 3Page - Texas Instruments UCD7100PWPR Datasheet HTML 4Page - Texas Instruments UCD7100PWPR Datasheet HTML 5Page - Texas Instruments UCD7100PWPR Datasheet HTML 6Page - Texas Instruments UCD7100PWPR Datasheet HTML 7Page - Texas Instruments UCD7100PWPR Datasheet HTML 8Page - Texas Instruments UCD7100PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
8 Specifications
8.1 Absolute Maximum Ratings
MIN
MAX(1)
UNIT(2)
VDD
Supply Voltage
16
IDD
Supply Current
Quiescent
20
mA
Switching, TA = 25°C, TJ = 125°C, VDD = 12 V
200
VOUT
Output Gate
Drive Voltage
OUT
–1 V
VDD
V
IOUT(sink)
Output Gate
Drive Current
OUT
4.0
A
IOUT(source)
–4.0
Analog Input
ISET, CS
–0.3
3.6
V
ILIM
–0.3
3.6
Digital I/O’s
IN, CLF
–0.3
3.6
Power
Dissipation
TA = 25°C, TJ = 125°C, (PWP-14)
2.67
W
TJ
Junction Operating Temperature
-–55
150
°C
TSOL
Lead Temperature (Soldering, 10 s)
+300
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
Supply Voltage, VDD
4.25
12
14.5
V
Supply bypass capacitance
1
µF
Reference bypass capacitance
0.22
Operating junction temperature
-40
105
°C
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com