Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100PWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCD7100PWPR Datasheet HTML 18Page - Texas Instruments UCD7100PWPR Datasheet HTML 19Page - Texas Instruments UCD7100PWPR Datasheet HTML 20Page - Texas Instruments UCD7100PWPR Datasheet HTML 21Page - Texas Instruments UCD7100PWPR Datasheet HTML 22Page - Texas Instruments UCD7100PWPR Datasheet HTML 23Page - Texas Instruments UCD7100PWPR Datasheet HTML 24Page - Texas Instruments UCD7100PWPR Datasheet HTML 25Page - Texas Instruments UCD7100PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Dec-2021
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UCD7100APWP
ACTIVE
HTSSOP
PWP
14
90
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
UCD7100
UCD7100APWPR
ACTIVE
HTSSOP
PWP
14
2000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
UCD7100
UCD7100PWP
ACTIVE
HTSSOP
PWP
14
90
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
UCD7100
UCD7100PWPR
ACTIVE
HTSSOP
PWP
14
2000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
UCD7100
UCD7100PWPRG4
ACTIVE
HTSSOP
PWP
14
2000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
UCD7100
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead finish/Ball material - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two
lines if the finish value exceeds the maximum column width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com