Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 1 Page - Texas Instruments

  UCD7100PWPR Datasheet HTML 1Page - Texas Instruments UCD7100PWPR Datasheet HTML 2Page - Texas Instruments UCD7100PWPR Datasheet HTML 3Page - Texas Instruments UCD7100PWPR Datasheet HTML 4Page - Texas Instruments UCD7100PWPR Datasheet HTML 5Page - Texas Instruments UCD7100PWPR Datasheet HTML 6Page - Texas Instruments UCD7100PWPR Datasheet HTML 7Page - Texas Instruments UCD7100PWPR Datasheet HTML 8Page - Texas Instruments UCD7100PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
UCD7100 Digital Control Compatible Single Low-Side
±4-A MOSFET Driver with Current Sense
1 Features
• Adjustable current limit protection
• 3.3-V, 10-mA internal regulator
• DSP/µC compatible inputs
• Single ±4-A TrueDrive™ high current driver
• 10-ns typical rise and fall times with 2.2-nF loads
• 25-ns input-to-output propagation delay
• 25-ns current sense to output delay
• Programmable current limit threshold
• Digital output current limit flag
• 4.5-V to 15-V supply voltage range
• Rated from –40°C to 105°C
• Lead(Pb)-free packaging
2 Applications
• Digitally controlled power supplies
• DC/DC converters
• Motor controllers
• Line drivers
3 Description
The UCD7100 device is part of the UCD7K family of
digital control compatible drivers for applications that
use digital control technology that requires fast local
peak current limit protection.
The UCD7100 is a low-side ±4-A high-current
MOSFET gate driver. It allows the digital power
controllers such as UCD9110 or UCD9501 to interface
to the power stage in single ended topologies. It
provides a cycle-by-cycle current limit function with
programmable threshold and a digital output current
limit flag which can be monitored by the host
controller. With a fast 25-ns cycle-by-cycle current
limit protection, the driver can turn off the power stage
in the unlikely event that the digital system can not
respond to a failure situation in time.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCD7100
HTSSOP (14)
5.00 mm x 4.40 mm
UCD7100A
HTSSOP (14)
5.00 mm x 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
14
12
8
OUT
CS
3
4
2
5
6
3V3
AGND
IN
CLF
ILIM
UCD7100PWP
Bias
Winding
VIN
VOUT
VDD
2
Isolation
Amplifier
PWMB
INT
Digital Controller
PWMA
VDD
AN2
AN3
AN1
AGND
Communication
Simplified Schematic
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCD7100PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100PWPR TI-UCD7100PWPR Datasheet
408Kb / 22P
Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100PWPR TI1-UCD7100PWPR Datasheet
813Kb / 26P
Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100PWPR TI1-UCD7100PWPR Datasheet
1Mb / 31P
Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7100PWPR TI2-UCD7100PWPR Datasheet
1Mb / 31P
UCD7100 Digital Control Compatible Single Low-Side ±4-A MOSFET Driver with Current Sense
REVISED NOVEMBER 2021
UCD7100PWPR.A TI2-UCD7100PWPR.A Datasheet
1Mb / 31P
UCD7100 Digital Control Compatible Single Low-Side ±4-A MOSFET Driver with Current Sense
REVISED NOVEMBER 2021
More results

Similar Description - UCD7100PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com