Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices LT8331 Datasheet HTML 19Page - Analog Devices LT8331 Datasheet HTML 20Page - Analog Devices LT8331 Datasheet HTML 21Page - Analog Devices LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LT8365
20
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Inverting Converter: Output Capacitor Selection
The inverting converter requires much smaller output
capacitors than those of the boost, flyback and SEPIC
converters for similar output ripples. This is due to the fact
that, in the inverting converter, the inductor L2 is in series
with the output, and the ripple current flowing through the
outputcapacitorsarecontinuous.Theoutputripplevoltage
is produced by the ripple current of L2 flowing through
the ESR and bulk capacitance of the output capacitor:
ΔVOUT(P–P) = ΔIL2 • ESRCOUT +
1
8 • fOSC •COUT
After specifying the maximum output ripple, the user can
select the output capacitors according to the preceding
equation.
TheESRcanbeminimizedbyusinghighqualityX5RorX7R
dielectricceramiccapacitors.Inmanyapplications,ceramic
capacitors are sufficient to limit the output voltage ripple.
The RMS ripple current rating of the output capacitor
needs to be greater than:
IRMS(COUT) > 0.3 • ∆IL2
Inverting Converter: Selecting the DC Coupling
Capacitor
The DC voltage rating of the DC coupling capacitor (CDC,
as shown in Figure 8) should be larger than the maximum
input voltage minus the output voltage (negative voltage):
VCDC > VIN(MAX) + VOUT
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
IRMS(CDC) >IO(MAX)
DMAX
1 − DMAX
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
TYPICAL APPLICATIONS
400kHz, 9V to 30V Input, –250V Output Inverting Converter
Efficiency
8365 TA03a
C4
1µF
C1
10µF
C3
1nF
C2
0.22µF
R1
1M
R2
3.24k
R3
84.5k
R4
107k
D1
C5
0.22µF
L1
10µH
C6
0.1µF
D2
R5
20
D3
R6
20
D4
C7
0.22µF
C9
0.1µF
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
VOUT
9V TO 30V
–250V
10mA
D1, D2, D3, D4: DIODES INC. DFLS1150
L1: WURTH ELEKTRONIK WE-PD 74437324100
C6, C9: 12062C104KAT2A
C5, C7: CGJ5L3X7T2D224K160AA
VOUT
LOAD CURRENT (mA)
0 1 2 3 4 5 6 7 8 9 10 11
0
10
20
30
40
50
60
70
80
90
100
Efficiency
8365 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com