Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 26 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 26 Page - Analog Devices

Back Button LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices LT8331 Datasheet HTML 29Page - Analog Devices LT8331 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LT8365
26
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Low IQ, Low EMI, 400kHz, –250V Output Inverting Converter with SSFM
Conducted EMI Performance (CISPR25 Class 5 Peak)
Conducted EMI Performance (CISPR25 Class 5 Average)
Radiated EMI Performance (CISPR25 Class 5 Peak)
Radiated EMI Performance (CISPR25 Class 5 Average)
12V INPUT TO –250V OUTPUT AT 10mA, fSW = 400kHz, SSFM ON
CLASS 5 PEAK LIMIT
MEASURED EMISSIONS
AMBIENT NOISE
FREQUENCY (MHz)
0.1
1
10
30
–20
–10
0
10
20
30
40
50
60
70
80
8365 TA12b
12V INPUT TO –250V OUTPUT AT 10mA, fSW = 400kHz, SSFM ON
CLASS 5 PEAK LIMIT
MEASURED EMISSIONS
AMBIENT NOISE
FREQUENCY (MHz)
30
100
1k
–20
–10
0
10
20
30
40
50
60
(CISPR25 Class 5 Peak)
Radiated EMI Performance
8365 TA12c
12V INPUT TO –250V OUTPUT AT 10mA, fSW = 400kHz, SSFM ON
CLASS 5 AVERAGE LIMIT
MEASURED EMISSIONS
AMBIENT NOISE
FREQUENCY (MHz)
0.1
1
10
30
–40
–30
–20
–10
0
10
20
30
40
50
60
8365 TA12d
12V INPUT TO –250V OUTPUT AT 10mA, fSW = 400kHz, SSFM ON
CLASS 5 AVERAGE LIMIT
MEASURED EMISSIONS
AMBIENT NOISE
FREQUENCY (MHz)
30
100
1k
–20
–10
0
10
20
30
40
50
60
(CISPR25 Class 5 Average)
Radiated EMI Performance
8365 TA12e
8365 TA12a
C6
1µF
C5
1nF
C4
0.22µF
R5
1M
R4
3.24k
R3
84.5k
R2
107k
D2
C7
0.22µF
L1
10µH
C11
0.1µF
D1
R8
20
D3
R7
20
D4
C9
0.22µF
L2
C2
10µF
C1
4.7µF
C3
68µF
R1
100k
C10
0.1µF
R6
47
C8
1nF
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VOUT
–250V
D1, D2, D3, D4: DIODES INC. DFLS1150
L1: WURTH ELEKTRONIK WE-PD 74437324100
VOUT
VIN
12V
INPUT EMI FILTER
50V
50V
×2
1206
470nH
1210
50V
L2: WURTH ELEKTRONIK 74479876147
C3: PANASONIC EEHZC1H680P
500V
1206
10mA
C10, C11:12062C104KAT2A
C7, C9: CGJ5L3X7T2D224K160AA
C8: C1206C102KRACTU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com