Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C Datasheet(PDF) 16 Page - FutureWafer Tech Co.,Ltd

Part # BAT54C
Description  Surface Mount Schottky Barrier Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54C Datasheet(HTML) 16 Page - FutureWafer Tech Co.,Ltd

Back Button BAT54C Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 16Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 17Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 18Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 19Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 20Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
16
Document No.: F41806F
07-FEB-2022 V 2.2
www.futurewafer.com.tw
FQE-001-04
6-5. Taping and Reel Specification-SOD123 / SOD323 / SOD323FL
Taping Width
Tape Orientation
8mm
6-6. Embossed Carrier Tape Specification-SOD123 / SOD323 / SOD323FL
Dimension W
D
D1
E
F
P
P0
P2
t
W
Values
8
mm
1.5
±0.1
1.4
Max.
1.75
±0.1
3.5
±0.05
4
±0.1
4
±0.1
2
±0.1
0.23
±0.02
8 +0.3
/ -0.1
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between the Component And The Cavity Must Comply
to The Rotational And Lateral Movement Requirement Provided in Figures in The “Maximum
Component Movement in Tape Pocket” Section.
Unit: mm
Direction Of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com