Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # BAT54C
Description  Surface Mount Schottky Barrier Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54C Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  BAT54C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
3
Document No.: F41806F
07-FEB-2022 V 2.2
www.futurewafer.com.tw
FQE-001-04
Average Temperature, T A (°C)
Fig 1. Power Derating Curve
3-1. Electrical Characteristics
3. Electrical Property
3-2. Thermal Characteristics
3-3. Ratings and Characteristics Curve-Fig 1~2
Parameter
Symbol
Package
Values
Units
R thJA
SOT23, SOD123, DFN1006-2L
500
°C/W
Junction-Ambient
SOT323, SOT363, SOD323, SOD323FL 550
SOD523FL
600
Parameter
Symbol
Condition
Min.
Max.
Units
Reverse Breakdown Voltage
V BR
I R = 100uA
T A = 25°C
-
30
V
Forward Voltage
V F
I F = 0.1mA
-
240
mV
I F = 1mA
-
320
I F = 10mA
-
400
I F = 30mA
-
500
I F = 100mA
-
800
Reverse Recovery Time
t rr
-
5.0
nS
-
Reverse Leakage Current
I R
@ V R = 30V
T A = 25°C
-
2.0
uA
Junction Capacitance
C J
Pin Capacitance to GND.
V dc = 0V, f = 1MHZ
-
10
pF
T A = 25°C
Fig 2. Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage, V F (V)
T A = 85°C
T A = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com