Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAT54C
Description  Surface Mount Schottky Barrier Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54C Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAT54C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT54C Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
1
Document No.: F41806F
07-FEB-2022 V 2.2
www.futurewafer.com.tw
FQE-001-04
1-2. Feature List
●
Low Turn-on Voltage
●
Extremely Fast Switching Speed
●
PN Junction Guard Ring for Transient and ESD Protection
●
Totally Lead-Free & Fully RoHS Compliant
●
Halogen and Antimony Free. “Green” Device
1-1. General Description
These Schottky Barrier Diodes are Designed for High Speed
Switching Applications, Circuit Protection, And Voltage
Clamping. Extremely Low Forward Voltage Reduces
Conduction Loss. Miniature Surface Mount Package is
Excellent For Hand Held And Portable Applications Where
Space is Limited.
1-3. Mechanical Characteristics
●
Molded JEDEC Package
- SOT-23
/
- SOT-323
- SOT-363
/
- SOD123
- SOD323
/
- SOD323-FL
- SOD523-FL
/
- DFN1006-2L
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
JEDEC J-STD-20 MSL Classifications: Level 1
1. Synopsis
1-4. Device Characteristics
BAT54T
SOD123
BAT54
SOT-23
BAT54H
SOD323
BAT54CW
SOT-323
BAT54WS
SOD323-FL
BAT54BRW
SOT-363
BAT54K
SOD523-FL
BAT54L
DFN1006-2L
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Values
Units
Peak Repetitive Reverse Voltage
V RRM
30
V
Working Peak Reverse Voltage
V RWM
DC Reverse Voltage
V R
Average Forward Current
I F
200
mA
Non-repetitive Peak Forward Surge Current
@ T = 1.0s
I FSM
600
Power Dissipation
P D
200
mW
Operating and Storage Temperature
T J
°C
-65 ~ +150
T STG


Similar Part No. - BAT54C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54C PHILIPS-BAT54C Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54C STMICROELECTRONICS-BAT54C Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54C ZETEX-BAT54C Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Rectron Semiconductor
BAT54C RECTRON-BAT54C Datasheet
16Kb / 1P
DUAL SURFACE MOUNT SCHOTTKY
More results

Similar Description - BAT54C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com