Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/QKP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/QKP
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/QKP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/QKP Datasheet HTML 8Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 9Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 10Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 11Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 12Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 13Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 14Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 15Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
12 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
7.3.3 RAM filling in 1:3 multiplex drive mode
In 1:3 multiplex drive mode, the RAM is written as shown in Table 13 (see Figure 5 as
well).
If the bit at position BP2/S2 would be written by a second byte transmitted, then the
mapping of the segment bits would change as illustrated in Table 14.
In the case described in Table 14 the RAM has to be written entirely and BP2/S2, BP2/S5,
BP2/S8 etc. have to be connected to segments/elements on the display. This can be
achieved by a combination of writing and rewriting the RAM like follows:
• In the first write to the RAM, bits a7 to a0 are written.
• In the second write, bits b7 to b0 are written, overwriting bits a1 and a0 with bits b7
and b6.
• In the third write, bits c7 to c0 are written, overwriting bits b1 and b0 with bits c7 and
c6.
Depending on the method of writing to the RAM (standard or entire filling by rewriting),
some segments/elements remain unused or can be used, but it has to be considered in
the module layout process as well as in the driver software design.
Table 13.
Standard RAM filling in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are not connected to any segments/elements on the
display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1
b7
b4
b1
c7
c4
c1
d7
:
1
a6
a3
a0
b6
b3
b0
c6
c3
c0
d6
:
2
a5
a2
-
b5
b2
-
c5
c2
-
d5
:
3
---
---
---
-:
Table 14.
Entire RAM filling by rewriting in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are connected to segments/elements on the display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1/b7 b4
b1/c7 c4
c1/d7 d4
d1/e7 e4
:
1
a6
a3
a0/b6 b3
b0/c6 c3
c0/d6 d3
d0/e6 e3
:
2
a5
a2
b5
b2
c5
c2
d5
d2
e5
e2
:
3
---
---
---
-:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com