| Electronic Components Datasheet Search |
|
PCA8576FUG/2DA/QKP Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8576FUG/2DA/QKP Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 54 page ![]() PCA8576F All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 3 — 3 December 2014 26 of 54 NXP Semiconductors PCA8576F Automotive 40 × 4 LCD driver 7.6.4 Backplane outputs The LCD drive section includes four backplane outputs BP0 to BP3 which must be connected directly to the LCD. The backplane output signals are generated in accordance with the selected LCD drive mode. If less than four backplane outputs are required, the unused outputs can be left open-circuit. Table 17 describes which outputs are active for each of the multiplex drive modes and what signal is generated. [1] These pins may optionally be connected to the display to improve drive strength. Connect only with the corresponding output pin carrying the same signal. If not required, they can be left open-circuit. 7.6.5 Segment outputs The LCD drive section includes 40 segment outputs S0 to S39 which should be connected directly to the LCD. The segment output signals are generated in accordance with the multiplexed backplane signals and with data residing in the display latch. When less than 40 segment outputs are required, the unused segment outputs should be left open-circuit. Table 17. Mapping of output pins and corresponding output signals with respect to the multiplex driving mode Multiplex drive mode Output pin BP0 BP1 BP2 BP3 Signal 1:4 BP0 BP1 BP2 BP3 1:3 BP0 BP1 BP2 BP1[1] 1:2 BP0 BP1 BP0[1] BP1[1] static BP0 BP0[1] BP0[1] BP0[1] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |