Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/QKP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/QKP
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/QKP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/QKP Datasheet HTML 12Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 13Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 14Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 15Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 16Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 17Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 18Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 19Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
16 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
Table 10). The input bank selector functions independently to the output bank selector.
7.4 Initialization
At power-on the status of the I2C-bus and the registers of the PCA8576F is undefined.
Therefore the PCA8576F should be initialized as quickly as possible after power-on to
ensure a proper bus communication and to avoid display artifacts. The following
instructions should be accomplished for initialization:
• I2C-bus initialization. For information about the I2C-bus, see Section 8.
– generating a START condition
– sending 0h and ignoring the acknowledge
– generating a STOP condition
• Mode-set command (see Table 7), setting
– bit E = 0
– bit B to the required LCD bias configuration
– bits M[1:0] to the required LCD drive mode
• Load-data-pointer command (see Table 8), setting
– bits P[5:0] to 0h (or any other required address)
• Device-select command (see Table 9), setting
– bits A[1:0] to the required hardware subaddress (for example, 0h)
• Bank-select command (see Table 10), setting
– bit I to 0
– bit O to 0
• Blink-select command (see Table 11), setting
– bit AB to 0 or 1
– bits BF[1:0] to 00 (or to a desired blinking mode)
• writing meaningful information (for example, a logo) into the display RAM
After the initialization, the display can be switched on by setting bit E = 1 with the
mode-set command.
7.5 Possible display configurations
The possible display configurations of the PCA8576F depend on the number of active
backplane outputs required. A selection of display configurations is shown in Table 15. All
of these configurations can be implemented in the typical system shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com