Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2225DEVBA Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPA2225DEVBA
Description  28 ??38 GHz 0.4 Watt GaN Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2225DEVBA Datasheet(HTML) 1 Page - Qorvo, Inc

  QPA2225DEVBA Datasheet HTML 1Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 2Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 3Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 4Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 5Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 6Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 7Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 8Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
QPA2225D
28 – 38 GHz 0.4 Watt GaN Driver Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
1 of 23
www.qorvo.com
®
Functional Block Diagram
Product Overview
Qorvo’s QPA2225D is a wide band MMIC driver amplifier
fabricated on Qorvo’s production 0.15 um GaN on SiC
process (QGaN15). Covering 28
 – 38 GHz, the QPA2225D
provides > 0.4 W of saturated output power with >23 dB of
small-signal gain.
The QPA2225D MMIC dimensions are 1.65 x 0.67 x 0.05
mm. It can support a variety of operating conditions to
best support system requirements. With good thermal
properties, it can support a range of bias voltages.
The QPA2225D has DC blocking capacitors on both RF
ports, which are matched to 50 ohms.
The QPA2225D is ideal for supporting communications
and radar applications in both commercial and military
markets.
Lead-free and RoHS compliant.
Key Features
 Frequency Range: 28  – 38 GHz
 PSAT (PIN = 13 dBm): > 26 dBm
 Small Signal Gain: > 23 dB
 IM3 (POUT/Tone = 20 dBm): -20 dBc
 Bias: CW, VD = +20 V, IDQ = 64 mA, VG = -2.5 V typ.
 Die Dimensions: 1.65 x 0.67 x 0.05 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Applications
 Communications
 Radar
 Satellite Communications
 Electronic Warfare
Ordering Information
Part No.
Description
QPA2225D
28 – 38 GHz 0.4 Watt GaN Amplifier
(100 pcs.)
QPA2225DS2
Samples (2 pcs. pack)
QPA2225DEVBA
Evaluation Board for QPA2225D


Similar Part No. - QPA2225DEVBA

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2225DEVBA QORVO-QPA2225DEVBA Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
More results

Similar Description - QPA2225DEVBA

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2225D QORVO-QPA2225D Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
logo
Custom MMIC Design Serv...
CMD217 MMIC-CMD217 Datasheet
200Kb / 8P
28-32 GHz GaN Power Amplifier
CMD262 MMIC-CMD262 Datasheet
199Kb / 8P
26-28 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
QPB3238 QORVO-QPB3238 Datasheet
794Kb / 9P
32 ??38 GHz Ka-Band GaN Amplifier
TGA2224 QORVO-TGA2224 Datasheet
545Kb / 21P
32 ??38 GHz 5 Watt GaN Amplifier
TGA2222 QORVO-TGA2222 Datasheet
571Kb / 21P
32 ??38 GHz 10 Watt GaN Amplifier
QPA2225 QORVO-QPA2225 Datasheet
855Kb / 22P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
Dec. 2021
QPB3238N QORVO-QPB3238N Datasheet
1Mb / 17P
32 – 38 GHz Ka-Band GaN Amplifier
September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com