Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2225DEVBA Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QPA2225DEVBA
Description  28 ??38 GHz 0.4 Watt GaN Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2225DEVBA Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QPA2225DEVBA Datasheet HTML 12Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 13Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 14Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 15Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 16Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 17Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 18Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 19Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
QPA2225D
28 – 38 GHz 0.4 Watt GaN Driver Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
16 of 23
www.qorvo.com
®
Performance Plots – Linearity
Test conditions, unless otherwise noted: CW, VD = 20 V, IDQ = 64 mA, FC = 35 GHz, Tone Spacing = 100 MHz, TBASE = +25 ºC
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
24
26
Output Power per Tone (dBm)
IM3 vs. Output Power vs. T
BASE
-40C
+25C
+85C
Frequency = 35 GHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
8
10
12
14
16
18
20
22
24
26
Output Power per Tone (dBm)
IM5 vs. Output Power vs. T
BASE
-40C
+25C
+85C
Frequency = 35 GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
24
26
Output Power per Tone (dBm)
IM3 vs. Output Power vs. V
D
12 V
16 V
20 V
24 V
28 V
Frequency = 35 GHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
8
10
12
14
16
18
20
22
24
26
Output Power per Tone (dBm)
IM5 vs. Output Power vs. V
D
12 V
16 V
20 V
24 V
28 V
Frequency = 35 GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
24
26
Output Power per Tone (dBm)
IM3 vs. Output Power vs. I
DQ
44 mA
64 mA
84 mA
Frequency = 35 GHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
8
10
12
14
16
18
20
22
24
26
Output Power per Tone (dBm)
IM5 vs. Output Power vs. I
DQ
44 mA
64 mA
84 mA
Frequency = 35 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com