Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2225DEVBA Datasheet(PDF) 10 Page - Qorvo, Inc

Part # QPA2225DEVBA
Description  28 ??38 GHz 0.4 Watt GaN Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2225DEVBA Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button QPA2225DEVBA Datasheet HTML 6Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 7Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 8Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 9Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 10Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 11Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 12Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 13Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
QPA2225D
28 – 38 GHz 0.4 Watt GaN Driver Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
10 of 23
www.qorvo.com
®
Performance Plots – Large Signal (Pulsed)
Test conditions, unless otherwise noted: Pulsed VD = 20 V, IDQ = 64 mA, PW = 100 µs, DC = 10%, PIN = +13dBm, TBASE = +25 ºC
20
21
22
23
24
25
26
27
28
29
30
24
26
28
30
32
34
36
38
40
42
Frequency (GHz)
Output Power vs. Freq. vs. Temp.
-40 C
+25 C
+85 C
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
Frequency (GHz)
PAE vs. Freq. vs. Temp.
-40 C
+25 C
+85 C
20
21
22
23
24
25
26
27
28
29
30
24
26
28
30
32
34
36
38
40
42
Frequency (GHz)
Output Power vs. Freq. vs. V
D
12 V
20 V
28 V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
Frequency (GHz)
PAE vs. Freq. vs. V
D
12 V
20 V
28 V
20
21
22
23
24
25
26
27
28
29
30
24
26
28
30
32
34
36
38
40
42
Frequency (GHz)
Output Power vs. Freq. vs. IDQ
44 mA
64 mA
84 mA
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
Frequency (GHz)
PAE vs. Freq. vs. IDQ
64 mA
64 mA
84 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com