Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDI004V2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-IDI004V2
Description  Wireless bridge 868 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDI004V2 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-IDI004V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STEVAL-IDI004V2
Schematic diagrams
DocID028388 Rev 2
5/7
Figure 7: Power supply section
Figure 8: NFC transceiver section (1 of 2)
Figure 9: NFC transceiver section (2 of 2)
Figure 10: USB section
GSPG1709151550SG
3
V
3
3V3
PC5_LED_ERROR
3V3
Power Supply
D4
LED BI-COLOUR
1
3
2
U8
LD1117ADT33TR
VOUT
2
VIN
3
F1
0ZCJ0100FF2E
D9
SMAJ5.0
D9
R33
160 E
C61
10µF 0805
R24 160 E
C60
100nF
J3
POWER JACK
POWER JACK
1
2
3
GSPG1709151600SG
3V3
SYS_JTMS_SW DIO_PA13
SYS_JTCK_SW CLK
NR ST
SWD CONNECTOR
MOUNTING HOLES
TP2
TEST POINT
1
TP3
TEST POINT
1
J1
1
2
3
4
5
TP4
TEST POINT
1
TP1
TEST POINT
1
GSPG1709151620SG
PA0_ USART2_ CTS
PA1_ USART2_ RTS
PA2_ USART2_ TX
PA3_ USART2_ RX
PA10_ USART1_ RX
PA9_ USART1_ TX
PB13_ UART3_ CTS
PB14_ UART3_ RTS
PB10_ UART3_ TX
PB11_ UART3_ RX
PB5_ SPI3_ MOSI
PB3_ SPI3_ SCK
PB4_ SPI3_ MISO
PC12_ BT_RESE T
PC11_ UART4_ RX
PC10_ UART4_ TX
3V3
PB6_ I2C_CLK
PB7_ I2C_SDA
PB8_ SW _CN TRL
3V3
3V3
DBG CONNECTOR
I2C CONNECTOR
J9
CON10
1
2
3
4
5
6
7
8
9
10
R31
4K7
R32
4K7
J10
1
2
3
4
5
J8
CON10
1
2
3
4
5
6
7
8
9
10
GSPG1709151630SG
USB5V
USB_DM
USB_DP
PA12_USB_DP
USB5V
PA11_USB_DM
USB_DM
USB_DM
USB_DP
USB5V
PB12_USB_PU
USB
R7
1M
R8
1.5k
C2
4.7µF/10V
J2
USB_VCC
1
USBDM
2
USBDP
3
USB_GND
5
SHELL
6
SHELL
7
ID
4
U3
USBLC6-2P6
GND
2
I/O1
4
I/O2
1
I/O2
6
I/O1
3
C9
4.7nF
R6
22
C4
15pF
C3
4.7nF
C8
15pF
R5
22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com