Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDI004V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IDI004V2
Description  Wireless bridge 868 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDI004V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IDI004V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
December 2015
DocID028388 Rev 2
1/7
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IDI004V2
Wireless bridge 868 MHz
Data brief
Features
STM32F103 microcontroller as bridge
between communication protocols
SPWF01SA.11 module for Wi-Fi
communication:
2.4 GHz IEEE 802.11 b/g/n Wi-Fi
Pre-certified RF module (FCC, IC, CE)
Integrated TCP/IP
AT commands
TLS/SSL for end-to-end security
Over-the-air firmware updates
SP1ML-868 module for Sub-GHz RF
communication:
868 MHz ETSI-certified module
Based on Sub-GHz SPIRIT1
transceiver, STM32L1 ULP MCU and
balun (BALF-SPI-01D3)
Chip antenna
Simple AT commands
SPBT2632 module for Bluetooth
communication:
Bluetooth® Classic 3.0 version
AT commands
CE, FCC, IC, TELEC certified
Low-power mode supported
Supports NFC communication with the
CR95HF and 13.56 MHz inductive etched
antenna
Configuration using a PC GUI (by request)
through USB VCOM
Android application to access sensor node
data via Bluetooth on request
Works as a root node for the mesh network
using sensor node evaluation board (part
number STEVAL -IDI002V2/3V2)
RoHS compliant
Description
The STEVAL-IDI004V2 wireless bridge
evaluation kit is an Internet of Things (IoT) Home
Bridge which supports the Wi-Fi, Sub-GHz,
Bluetooth and NFC communication protocols.
The device is suitable for various smart home,
smart city and industrial applications.
The system uses an STM32F103 microcontroller
as a bridge between the various communications
modules. The Wi-Fi, Bluetooth and Sub-GHz
certified modules are connected through a UART
interface to the STM32 microcontroller. The NFC
transceiver module is connected through an SPI
interface.


Similar Part No. - STEVAL-IDI004V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDI002V2 STMICROELECTRONICS-STEVAL-IDI002V2 Datasheet
654Kb / 6P
Low power STM32L series microcontroller
06-Oct-2015
STEVAL-IDI003V2 STMICROELECTRONICS-STEVAL-IDI003V2 Datasheet
288Kb / 6P
Android app available
19-May-2016
STEVAL-IDI005V1 STMICROELECTRONICS-STEVAL-IDI005V1 Datasheet
235Kb / 5P
SP1ML 868 MHz wireless sensor board powered by a coin cell battery
26-Jan-2016
STEVAL-IDI009V1 STMICROELECTRONICS-STEVAL-IDI009V1 Datasheet
231Kb / 4P
Evaluation board for passive infrared sensor signal conditioning based on TSU102
16-Nov-2016
More results

Similar Description - STEVAL-IDI004V2

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1245A TAI-SAW-TA1245A Datasheet
424Kb / 7P
SAW Filter 868 MHz
logo
Silicon Laboratories
SLWSTK6061A SILABS-SLWSTK6061A Datasheet
1Mb / 32P
UG182: EFR32 Flex Gecko 2400/868 MHz Wireless Starter Kit
logo
TE Connectivity Ltd
8911 TEC-8911 Datasheet
495Kb / 11P
8911 WIRELESS ACCELEROMETER LoRaWAN??868/915MHz
logo
Silicon Laboratories
SLWRB4167A SILABS-SLWRB4167A Datasheet
1Mb / 34P
UG283: EFR32MG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4256A SILABS-SLWRB4256A Datasheet
1Mb / 34P
UG285: EFR32FG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
logo
AUREL S.p.A.
650201377G AUREL-650201377G Datasheet
93Kb / 1P
FOR WIRELESS NETWORK 868 MHz 4Ch Remote Control
15.10.2016 - Rev A
650201375G AUREL-650201375G Datasheet
1Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide Transceiver
15.10.2016 - Rev A
650201378G AUREL-650201378G Datasheet
2Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle
15.10.2016 - Rev A
650201380G AUREL-650201380G Datasheet
570Kb / 1P
RFTide Transceiver FOR WIRELESS NETWORK 868 MHz
20 June, 2015-Rev 03
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com