Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDI004V2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-IDI004V2
Description  Wireless bridge 868 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDI004V2 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-IDI004V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-IDI004V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Schematic diagrams
STEVAL-IDI004V2
4/7
DocID028388 Rev 2
Figure 4: BT section
Figure 5: Wi-Fi section
Figure 6: Sub GHz section
GSPG1709151430SG
3V3
PC12_BT_RESET
PA9_USART1_TX
PA10_USART1_RX
3V3
PB7_I2C_SDA
PB6_I2C_CLK
PD2_BT_BOOTLOADER
PC1_WAKEUP
STBT2632
Either Mount J4 and J5 or J6 and J
7
C7
100nF 0402
R29 1K
D7
ACT_STATUS
C6
10uF 0805
U2
STBT2632
GPIO1
1
GPIO2
2
GPIO3
3
GPIO4
4
GPIO5
5
GPIO6
6
GND
7
TX
14
RX
13
RTS
12
CTS
11
RESET
10
BOOT
9
VIN
8
SW3
DNM
D6
CONN_STATUS
C5
100nF 0402
R4
4K7
R28
1K
GSPG1709151520SG
LED_DRIVE WiFi Link
LED_DRIVE WiFi_PowerUP
GPIO10 LED_DRIVE Running
PC2_WF_RESET
PA3_USART2_RX
PA2_USART2_TX
PA1_USART2_RTS
PA0_USART2_CTS
3V3
PA4_GPIO6_WIFI
PC15_SPW_BOOT0
PC13_SPW_SWDIO
PC14_SPW_SWCLK
3V3
PC13_SPW_SWDIO
PC14_SPW_SWCLK
PC2_WF_RESET
SPWF01SA.11
TDO_SCK3
TCK
TRST_MISO3
TDI
TMS
Ground Paddle
3.3 V
Ground
GPIO6_ADC0
GPIO15_DAC
GPIO5_TXD3
GPIO2_SPICS
GPIO4_RXD3
GPIO1_MOS1
GPIO0_MISO
GPIO13
GPIO14
GPIO7_ADC1
GPIO12_SDA
GPIO11_SCL
RTS1_DP
CTS1_DN
RXD1
GPIO9_ADC3
TXD1
GPIO10
GPIO8_ADC2
RESETn
BOOT0
GPIO3_SCLK
Note : Add plenty of ground vias
Optional - Mount only fo
r
firmware upgrade with SW
D
U7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
C38
10µF 0805
D3
RUN
J12
DNM, SWD
1
2
3
4
5
D2
PUP
SW4
DNM
R14
1K
C39
100nF 0402
R15
4K7
C37
100nF 0402
D1
LINK
R13
1K
R12
1K
GSPG1709151540SG
PC4_BOOTMODE_SP1MOD
3V3
PA7_NRESET_SP1MOD
PA8_WKUP_SP1MOD
PC6_GPIO0_SP1MOD
PA6_GPIO1_SP1MOD
PB15_MODE0_SP1MOD
PC7_MODE1_SP1MOD
PB14_UART3_RTS
PB13_UART3_CTS
PB10_UART3_TX
PB11_UART3_RX
PA7_NRESET_SP1MOD
PC4_BOOTMODE_SP1MOD
SP1MOD_SWCLK
SP1MOD_SWDIO
3V3
3V3
3V3
SP1MOD_SWDIO
SP1MOD_SWCLK
PA7_NRESET_SP1MOD
SP1ML-868
Optional - Mount only fo
r
firmware upgrade with SW
D
R25
1K
C26
100nF 0402
R26
4K7
R27
DNM, 10K
SW2
DNM
C35
100nF 0402
D5
TEST_LED2
TEST_LED2
J11
DNM, SWD
1
2
3
4
5
C34
10µF 0805
C36
100pF 0402
U5
SP1MOD
TXRXLED
1
WKUP
2
GPIO0
3
GPIO1
4
MODE0
5
MODE1
6
VDD
7
GND
8
CTS
16
RTS
15
RXD
14
TXD
13
RESET
12
BOOTMODE
11
SWCLK
10
SWDIO
9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com