Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF476FL Datasheet(PDF) 5 Page - Microchip Technology

Part # ARF476FL
Description  500 V, 900 W, 128 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ARF476FL Datasheet(HTML) 5 Page - Microchip Technology

  ARF476FL Datasheet HTML 1Page - Microchip Technology ARF476FL Datasheet HTML 2Page - Microchip Technology ARF476FL Datasheet HTML 3Page - Microchip Technology ARF476FL Datasheet HTML 4Page - Microchip Technology ARF476FL Datasheet HTML 5Page - Microchip Technology ARF476FL Datasheet HTML 6Page - Microchip Technology ARF476FL Datasheet HTML 7Page - Microchip Technology ARF476FL Datasheet HTML 8Page - Microchip Technology ARF476FL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Figure 1-5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs. Pulse Duration
Figure 1-6. Transient Thermal Impedance Model
Figure 1-7. Maximum Safe Operating Area
The following table shows the typical Class AB large signal input-output impedance for the ARF476FL device.
ARF476FL
Device Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004436A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com