Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF476FL Datasheet(PDF) 1 Page - Microchip Technology

Part # ARF476FL
Description  500 V, 900 W, 128 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ARF476FL Datasheet(HTML) 1 Page - Microchip Technology

  ARF476FL Datasheet HTML 1Page - Microchip Technology ARF476FL Datasheet HTML 2Page - Microchip Technology ARF476FL Datasheet HTML 3Page - Microchip Technology ARF476FL Datasheet HTML 4Page - Microchip Technology ARF476FL Datasheet HTML 5Page - Microchip Technology ARF476FL Datasheet HTML 6Page - Microchip Technology ARF476FL Datasheet HTML 7Page - Microchip Technology ARF476FL Datasheet HTML 8Page - Microchip Technology ARF476FL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ARF476FL
500 V, 900 W, 128 MHz RF Power MOSFET
Product Overview
The ARF476FL is a matched pair of RF power transistors in a common source configuration in a T3C package. It
is designed for high-voltage push-pull or parallel operation in narrow band ISM and MRI power amplifiers up to 128
MHz.
Features
• Specified 500 V, 128 MHz characteristics:
– Output power = 900 W peak
– Gain = 15 dB (Class AB)
– Efficiency = 50% minimum
• High-performance push-pull RF package
• High-voltage breakdown and large SOA for superior ruggedness
• Low thermal resistance
• RoHS compliant
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004436A-page 1


Similar Part No. - ARF476FL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF476FL MICROSEMI-ARF476FL Datasheet
189Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF476FL MICROSEMI-ARF476FL Datasheet
156Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF476FL MICROSEMI-ARF476FL_10 Datasheet
156Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
More results

Similar Description - ARF476FL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF275G MOTOROLA-MRF275G Datasheet
226Kb / 12P
150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
logo
Microchip Technology
VRF2933 MICROCHIP-VRF2933 Datasheet
438Kb / 14P
50 V, 300 W, 150 MHz RF Power MOSFET
Rev. A - 02/2022
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K5CB4 STMICROELECTRONICS-RF5L051K5CB4 Datasheet
1Mb / 12P
1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05500CB4 STMICROELECTRONICS-RF5L05500CB4 Datasheet
534Kb / 12P
500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
04-Oct-2021
RF5L05750CF2 STMICROELECTRONICS-RF5L05750CF2 Datasheet
1Mb / 12P
750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
22-Dec-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com